Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM9263 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT91SAM9263
Description  AT91 ARM Thumb Microcontrollers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9263 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT91SAM9263 Datasheet HTML 43Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 44Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 45Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 46Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 47Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 48Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 49Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 50Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 51Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
49
6249HS–ATARM–27-Jul-09
AT91SAM9263 Preliminary
13. Revision History
Table 13-1.
Revision History
Document
Ref.
Comments
Change
Request
Ref.
6249HS
EBI0_NCS3 restriction added to Section 10.4.2 “ETM™” on page 41
6053
Second paragraph in Section 5.3 “Programmable I/O Lines Power Supplies” on page 13 edited.
6395
6249GS
Overview:
”Features”
Debug Unit (DBGU) updated.
Section 10.4.3 ”EBI1”, updated
Section 10.4.4 ”Ethernet 10/100MAC”, added to datasheet
Section 6.5 ”Shutdown Logic Pins”, updated, “SHDN pin is tri state output.......”
5846
5903
rfo
6249FS
Section 5.1 ”Power Supplies”, VDDCORE and VDDBU updated.
Section 5.2, “Power Sequence Requirements removed from datasheet.
5791/5793
6249ES
New Ordering Code: AT91SAM9263B-CU added to Table 12-1, ”AT91SAM9263 Ordering Information”.5560
Section 8.1.2.1 ”BMS = 1, Boot on Embedded ROM”, changes to list under “Bootloader on a non-volatile
memory”
5425
Section 5.2 ”Power Sequence Requirements”, section added to datasheet.
5643
Section 10.4.3 ”EBI1”, System Resource Multiplexing, Ethernet 10/100 MAC limitation on EBI1 updated.
5713
Section 10.5.8 ”Multimedia Card Interface”, protocol specification compatibilities updated.
5282
Section 10.5.13 ”Two D Graphics Controller”, removed reference to Polygon Fill, removed from Features also. 5206
Table 3-1, ”Signal Description List”, Image Sensor Interface, ISI_MCK is provided by PCK3.
Table 10-6, ”Multiplexing on PIO Controller E”, ISI_MCK removed from PE11 line of the table.
5329
6249DS
“Features”, SPI: Synchronous Communications feature removed.
Section 5.1 ”Power Supplies”, VDDIO and VDDBU slope alignment described.
Section 5.2 ”Power Consumption”, paragraph beginning with “On VDDBU...” updated.
Section 10.5.8 ”Multimedia Card Interface”, “When REMAP = 1.....” removed from 2nd paragraph.
Section 10.5.8 ”Multimedia Card Interface”, MMC and SDMC compatibility updated.
Section 8.2.1.1 ”External Bus Interface 0”, feature added.
Section 8.2.1.1 ”External Bus Interface 0”, feature added.
“Package and Pinout”, references to package are “324-TFBGA.
Figure 9-3 ”AT91SAM9263 Power Management Controller Block Diagram” on page 30, /3 divider removed.
Figure 11-1 ”324-ball TFBGA Package Drawing” on page 47, updated.
4910
4967
4505
5029
4945
4146
4664
4834
4668



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com