Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MVIP302548ACX Datasheet(PDF) 1 Page - MMD Components

Part # MVIP302548ACX
Description  MIL-STD-883 Level B Screening Available
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MVIP302548ACX Datasheet(HTML) 1 Page - MMD Components

  MVIP302548ACX Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MVIP, MVIL, and MVIV Series
MIL-STD-883 Level B Screening Available
Available to -55°C to + 125°C Operating
RoHS Compliant
Less than 1 pSec Jitter
ELECTRICAL SPECIFICATIONS:
LVDS
LVPECL
PECL
Frequency Range
70.000MHz to 800.000MHZ
Frequency Stability*
(See Part Number Guide for Options)
Operating Temp.Range
(See Part Number Guide for Options)
Storage Temp. Range
-55°C to +125°C
Aging
±5 ppm / yr max
Logic “0”
1.43V typ
Vdd – 1.620 VDC max
Vdd – 1.620 VDC max
Logic “1”
1.10V typ
Vdd- 1.025 vdc min
Vdd- 1.025 vdc min
+2.5VDC ± 5%
50 mA max
50 mA max
N/A
+3.3VDC ± 5%
60 mA max
60 mA max
N/A
Supply Voltage (Vdd)
Supply Current
+5.0VDC ± 5%
N/A
N/A
140 mA max
Symmetry (50% of waveform)
(See Part Number Guide for Options)
Rise / Fall Time (20% to 80%)
2nSec max
Load
50 Ohms into Vdd-2.00 VDC
Start Time
10mSec max
Phase Jitter (12kHz to 20MHz)
Less than 1 pSec
Tri-State Operation
Vih = 70% of Vdd min to Enable Output
Vil = 30% max or grounded to Disable Output (High Impedance)
* Inclusive of Temp., Load, Voltage and Aging
+2.5VDC
1.25VDC ±1.00VDC
1.25VDC ±1.00VDC
N/A
+3.3VDC
1.65VDC ±1.50VDC
1.65VDC ±1.50VDC
N/A
Control Voltage (Vc)
+5.0VDC
N/A
N/A
2.50VDC ±2.00VDC
Pullability
(See Part Number Guide for Options)
Linearity
(See Part Number Guide for Options)
MECHANICAL DIMENSIONS:
EXTERNAL BYPASS CAPACITOR RECOMMENDED
RECOMMENDED
LAND PATTERN
1.40 [.055]
DIMENSIONS IN BRACKETS ARE IN INCHES
5.20 [.205]
MAX
7.20 [.283]
MAX
2.00 [.079]
MAX
4
1.30 [.051]
3
2.54 [.100]
1.80 [.071]
2.00 [.079]
2.54 [.100]
2.40 [.094]
6
5
1
2
2.54 [.100]
2.54 [.100]
4.20 [.165]
PIN 3 GROUND
COMPLIMENTARY OUTPUT
SUPPLY VOLTAGE
OUTPUT
PIN 6
PIN 5
PIN 4
PIN CONNECTIONS
VOLTAGE CONTROL
ENABLE/DISABLE
PIN 2
PIN 1
PART NUMBER GUIDE:
MVI
Frequency
Output
P = PECL
L = LVPECL
V = LVDS
Linearity
Blank = ±20% max
X = ±5% max
Z = ±15% max
Y = ±10% max
Pullability
A = ±200 ppm min
C = ±100 ppm min
D = ±50 ppm min
P = ±25 ppm min
Frequency
Stability
020 = ±20 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Supply Voltage
2 = +2.5 VDC
3 = +3.3 VDC
5 = +5.0 VDC
Symmetry *
Blank = 40%/60%
A = 45%/55%
B = 47.5%/52.5%
Operating
Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
55 = -55°C to +125°C
*Option B (47.5/52.5%) Available up to 500MHZ only
Please Consult with MMD Sales Deparment for any other Parameters or Options
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Specifications subject to change without notice
Revision MVIP032907B


Similar Part No. - MVIP302548ACX

ManufacturerPart #DatasheetDescription
logo
MMD Components
MVIP MMD-MVIP Datasheet
141Kb / 2P
MVIP, MVIL & MVIV Series VCXO
MVIP5 MMD-MVIP5 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVIP MMD-MVIP_13 Datasheet
141Kb / 2P
MVIP, MVIL & MVIV Series VCXO
More results

Similar Description - MVIP302548ACX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT63M1XX ETC1-UT63M1XX Datasheet
568Kb / 23P
MIL-STD-1553A/B Bus Transceiver
logo
Aeroflex Circuit Techno...
UT63M147 AEROFLEX-UT63M147 Datasheet
1Mb / 20P
MIL-STD-1553A/B Bus Transceiver
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
MMD Components
MVIL2 MMD-MVIL2 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVIP5 MMD-MVIP5 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVIV2 MMD-MVIV2 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVLL5 MMD-MVLL5 Datasheet
106Kb / 2P
MIL-STD-883 Level B Screening Available
MVLP2 MMD-MVLP2 Datasheet
106Kb / 2P
MIL-STD-883 Level B
MVLV2 MMD-MVLV2 Datasheet
106Kb / 2P
MIL-STD-883 Level B Screening Available
logo
TT Electronics.
PFC TTELEC-PFC Datasheet
714Kb / 3P
MIL screening available
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com