Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4885AE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4885AE
Description  High-Bandwidth, VGA 2:1 Switch with ±15kV ESD Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4885AE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4885AE Datasheet HTML 1Page - Maxim Integrated Products MAX4885AE Datasheet HTML 2Page - Maxim Integrated Products MAX4885AE Datasheet HTML 3Page - Maxim Integrated Products MAX4885AE Datasheet HTML 4Page - Maxim Integrated Products MAX4885AE Datasheet HTML 5Page - Maxim Integrated Products MAX4885AE Datasheet HTML 6Page - Maxim Integrated Products MAX4885AE Datasheet HTML 7Page - Maxim Integrated Products MAX4885AE Datasheet HTML 8Page - Maxim Integrated Products MAX4885AE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
High-Bandwidth, VGA 2:1 Switch
with ±15kV ESD Protection
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND unless otherwise noted.)
VCC..........................................................................-0.3V to +6V
VL.............................................................. -0.3V to (VCC + 0.3V)
R_, G_, B_, H0, V0, SDA0, SCL0 ............. -0.3V to (VCC + 0.3V)
H1, H2, V1, V2, SDA1, SDA2, SCL1,
SCL2, SEL1, SEL2 ................................... -0.3V to (VL + 0.3V)
Continuous Current through R_, G_, B_ Switches.......... Q50mA
Continuous Current through SDA_, SCL_ Switches ...... Q50mA
Continuous Current into SEL1, SEL2, H1, H2, V1, V2 .... Q20mA
Peak Current through all Switches
(pulsed at 1ms, 10% duty cycle)............................... Q100mA
Continuous Power Dissipation (TA = +70NC)
28-Pin TQFN (derate 28.6mW/NC above +70NC)....2285.7mW
Junction-to-Ambient Thermal Resistance (BJA) (Note 1)
28-Pin TQFN.................................................................35NC/W
Junction-to-Ambient Thermal Resistance (BJC) (Note 1)
28-Pin TQFN...................................................................3NC/W
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range............................ -65NC to +150NC
Junction Temperature ................................................... +150NC
Lead Temperature (soldering, 10s) ................................+300NC
ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to +5.5V, VL = +2.2V to VCC, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25NC.)
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to http://www.maxim-ic.com/thermal-
tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
+4.5
+5.5
V
Logic Supply Voltage
VL
VL P VCC
+2.2
VCC
V
VCC Supply Current
ICC
VCC = +5.5V, VL = +3.6V,
SEL_ = H1 = H2 = V1 = V2 = GND
2
5
F
A
VL Supply Current
IL
VCC = +5.5V, VL = +3.6V,
SEL_ = H1 = H2 = V1 = V2 = GND
1
F
A
ANALOG SWITCHES
On-Resistance (R_, G_, B_)
R-HF-ON
VIN = +0.7V, IIN = Q10mA
5
8
I
On-Resistance Match (R_, G_,
B_)
D
RON
0 P VIN P +0.7V, IIN = -10mA
1
I
On-Resistance Flatness
(R_, G_, B_)
RFLAT(ON) 0 P VIN P +0.7V, IIN = -10mA
0.5
1
I
Off Leakage Current (R_, G_, B_)
IOFF
VR_, VG_, VB_ = 0V or VCC
-1
+1
F
A
On-Resistance (SDA_, SCL_)
R-DDCON VIN = +0.7V, IIN = Q10mA
15
I
Off-Leakage Current
(SDA_, SCL_)
IOFF
VSDA_, VSCL_ = 0V or VL,
VCC = VL = +5V
-1
+1
F
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com