Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7421 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7421
Description  Low-Power Dual Digital Isolators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7421 Datasheet(HTML) 2 Page - Texas Instruments

  ISO7421 Datasheet HTML 1Page - Texas Instruments ISO7421 Datasheet HTML 2Page - Texas Instruments ISO7421 Datasheet HTML 3Page - Texas Instruments ISO7421 Datasheet HTML 4Page - Texas Instruments ISO7421 Datasheet HTML 5Page - Texas Instruments ISO7421 Datasheet HTML 6Page - Texas Instruments ISO7421 Datasheet HTML 7Page - Texas Instruments ISO7421 Datasheet HTML 8Page - Texas Instruments ISO7421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
ISO7421, ISO7421M
SLLS984 – JUNE 2009....................................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
INA
7
I
Input, channel A
INB
3
I
Input, channel B
GND1
4
–
Ground connection for VCC1
GND2
5
–
Ground connection for VCC2
OUTA
2
O
Output, channel A
OUTB
6
O
Output, channel B
VCC1
1
–
Power supply, VCC1
VCC2
8
–
Power supply, VCC2
FUNCTION TABLE(1)
INPUT SIDE
OUTPUT SIDE
INPUT
OUTPUT
VCC
VCC
IN
OUT
H
H
PU
PU
L
L
Open
H
PD
PU
X
H
(1)
PU = Powered up (VCC ≥ 3 V); PD = Powered down (VCC ≤ 2.4 V);
X = Irrelevant; H = High level; L = Low level
AVAILABLE OPTIONS
RATED
INPUT
CHANNEL
MARKED
ORDERING
PRODUCT
PACKAGE
RATED TA
ISOLATION
THRESHOLD
DIRECTION
AS
NUMBER
ISO7421D (rail)
ISO7421
–40°C to 105°C
IS7421
ISO7421DR (reel)
~1.5 V (TTL)
Opposite
2.5 kVrms
D-8
ISO7421MD (rail)
(CMOS compatible)
directions
ISO7421M
–55°C to 125°C
I7421M
ISO7421MDR
(PREVIEW)
(reel)
VALUE
VCC
Supply voltage(2), VCC1, VCC2
–0.5 V to 6 V
VI
Voltage at IN, OUT
–0.5 V to 6 V
IO
Output current
±15 mA
Human-body model
JEDEC Standard 22, Test Method A114-C.01
±4 kV
Electrostatic
Field-induced charged-device
ESD
JEDEC Standard 22, Test Method C101
All pins
±1.5 kV
discharge
model
Machine model
ANSI/ESDS5.2-1996
±200 V
TJ(Max) Maximum junction temperature
150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ISO7421 ISO7421M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com