Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS1MB Datasheet(PDF) 1 Page - Daya Electric Group Co., Ltd.

Part # RS1MB
Description  1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

RS1MB Datasheet(HTML) 1 Page - Daya Electric Group Co., Ltd.

  RS1MB Datasheet HTML 1Page - Daya Electric Group Co., Ltd. RS1MB Datasheet HTML 2Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS1A/B - RS1M/B
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Features
A, B, D, G, J, K, M Suffix Designates SMA Package
AB, BB, DB, GB, JB, KB, MB Suffix Designates SMB Package
SMA
SMB
Dim
Min
Max
Min
Max
A
2.29
2.92
3.30
3.94
B
4.00
4.60
4.06
4.57
C
1.27
1.63
1.96
2.21
D
0.15
0.31
0.15
0.31
E
4.80
5.59
5.00
5.59
G
0.10
0.20
0.10
0.20
H
0.76
1.52
0.76
1.52
J
2.01
2.62
2.00
2.62
A
B
C
D
G
H
E
J
·
Glass Passivated Die Construction
·
Fast Recovery Time For High Efficiency
·
Low Forward Voltage Drop and High Current
Capability
·
Surge Overload Rating to 30A Peak
·
Ideally Suited for Automated Assembly
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Solder Plated Terminal -
Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band or Cathode Notch
·
SMA Weight: 0.064 grams (approx.)
·
SMB Weight: 0.093 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Notes:
1. Valid provided that terminals are kept at ambient temperature.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Reverse Recovery Test Conditions: IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
Characteristic
Symbol
RS1
A/AB
RS1
B/BB
RS1
D/DB
RS1
G/GB
RS1
J/JB
RS1
K/KB
RS1
M/MB
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TT = 120
°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current,
8.3ms single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
30
A
Forward Voltage Drop
@ IF = 1.0A
VFM
1.3
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 125
°C
IRM
5.0
200
µA
Reverse Recovery Time (Note 3)
trr
150
250
500
ns
Typical Junction Capacitance (Note 2)
Cj
15
pF
Typical Thermal Resistance, Junction to Terminal (Note 1)
RqJT
20
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C


Similar Part No. - RS1MB

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS1MB SSE-RS1MB Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS1MB DIODES-RS1MB Datasheet
47Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15002 Rev. G-2
logo
Weitron Technology
RS1MB WEITRON-RS1MB Datasheet
177Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Diodes Incorporated
RS1MB DIODES-RS1MB Datasheet
107Kb / 3P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15002 Rev. 11 - 2
logo
PACELEADER INDUSTRIAL
RS1MB PACELEADER-RS1MB Datasheet
142Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - RS1MB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DL4933 DIODES-DL4933 Datasheet
57Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15001 Rev. D-2
logo
TAITRON Components Inco...
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
1.0A Surface Mount Fast Recovery Rectifier
logo
Gaomi Xinghe Electronic...
RS1M GXELECTRONICS-RS1M Datasheet
190Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS1B-13-F DIODES-RS1B-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1DB-13-F DIODES-RS1DB-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1D-13-F DIODES-RS1D-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1GB-13 DIODES-RS1GB-13 Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1K-13-F DIODES-RS1K-13-F Datasheet
187Kb / 5P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 14
DFLF1800 DIODES-DFLF1800_15 Datasheet
337Kb / 5P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 3
RS1MSWFQ DIODES-RS1MSWFQ Datasheet
449Kb / 5P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev erse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com