Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB31E Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB31E
Description  HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB31E Datasheet(HTML) 3 Page - Texas Instruments

  TS3USB31E Datasheet HTML 1Page - Texas Instruments TS3USB31E Datasheet HTML 2Page - Texas Instruments TS3USB31E Datasheet HTML 3Page - Texas Instruments TS3USB31E Datasheet HTML 4Page - Texas Instruments TS3USB31E Datasheet HTML 5Page - Texas Instruments TS3USB31E Datasheet HTML 6Page - Texas Instruments TS3USB31E Datasheet HTML 7Page - Texas Instruments TS3USB31E Datasheet HTML 8Page - Texas Instruments TS3USB31E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TS3USB31E
www.ti.com
SCDS256 – OCTOBER 2009
PACKAGE THERMAL IMPEDANCE
TYP
UNIT
θJA
Package thermal impedance(1)
RSE package
253
°C/W
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VCC
Supply voltage
2.25
4.3
V
VCC = 2.3 V to 2.7 V
0.9
VIH
High-level control input voltage
VCC = 3 V to 3.6 V
1.3
V
VCC = 4.3 V
1.7
VCC = 2.3 V to 2.7 V
0.4
VIL
Low-level control input voltage
VCC = 3 V to 3.6 V
0.5
V
VCC = 4.3 V
0.7
VI/O
Data input/output voltage
0
VCC
V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
ELECTRICAL CHARACTERISTICS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP (2)
MAX
UNIT
VIK
VCC = 3 V,
II = –18 mA
–1.2
V
IIN
Control inputs
VCC = 4.3 V, 0 V,
VIN = 0 to 4.3 V
±1
μA
VCC = 4.3 V,
VO = 0 to 3.6 V,
IOZ
(3)
±1
μA
VI = 0,
Switch OFF
VCC = 0 V,
VO = 0 to 4.3 V,
IOFF
D+ and D–
±2
μA
VI = 0,
VIN = VCC or GND
ICC
VCC = 4.3 V,
II/O = 0,
Switch ON or OFF
1
μA
ΔICC
(4)
Control inputs
VCC = 4.3 V,
VIN = 2.6 V
10
μA
Cin
Control inputs
VCC = 0 V,
VIN = VCC or GND
1
pF
VCC = 2.5 V,
VI/O = 2.5 V or 0,
2
Cio(OFF)
Switch OFF
pF
VCC = 3.3 V,
VI/O = 3.3 V or 0,
2
VCC = 2.5 V,
VI/O = 2.5 V or 0,
6
Cio(ON)
Switch ON
pF
VCC = 3.3 V,
VI/O = 3.3 V or 0,
6
VCC = 2.5 V,
VI = 0.4,
7.5
9
ron
(5)
IO = –8 mA
Ω
VCC = 3 V,
VI = 0.4,
6.5
10
VCC = 2.5 V,
VI = 0.4,
0.4
Δron
IO = –8 mA
Ω
VCC = 3 V,
VI = 0.4,
0.35
VCC = 2.5 V,
VI = 0 V or 1 V,
0.07
ron(flat)
IO = –8 mA
Ω
VCC = 3 V,
VI = 0 V or 1 V,
2
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(5)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS3USB31E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com