Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB221EDRCR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB221EDRCR
Description  HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE AND IEC LEVEL 3 ESD PROTECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB221EDRCR Datasheet(HTML) 2 Page - Texas Instruments

  TS3USB221EDRCR Datasheet HTML 1Page - Texas Instruments TS3USB221EDRCR Datasheet HTML 2Page - Texas Instruments TS3USB221EDRCR Datasheet HTML 3Page - Texas Instruments TS3USB221EDRCR Datasheet HTML 4Page - Texas Instruments TS3USB221EDRCR Datasheet HTML 5Page - Texas Instruments TS3USB221EDRCR Datasheet HTML 6Page - Texas Instruments TS3USB221EDRCR Datasheet HTML 7Page - Texas Instruments TS3USB221EDRCR Datasheet HTML 8Page - Texas Instruments TS3USB221EDRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
BLOCK DIAGRAM
D−
D+
1D−
1D+
2D−
2D+
S
OE
A
EN (see Note A)
B
Charge
Pump
VCC
TS3USB221E
SCDS263 – SEPTEMBER 2009......................................................................................................................................................................................... www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SON – DRC(3)
Reel of 3000
TS3USB221EDRCR
ZVM
–40°C to 85°C
QFN (
µQFN) – RSE
Reel of 3000
TS3USB221ERSER
LGR
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
Package Preview
PIN DESCRIPTION
NAME
DESCRIPTION
OE
Bus-switch enable
S
Select input
D
Bus A
nD
Bus B
TRUTH TABLE
S
OE
FUNCTION
X
H
Disconnect
L
L
D = 1D
H
L
D = 2D
SIMPLIFIED SCHEMATIC, EACH FET SWITCH (SW)
A.
EN is the internal enable signal applied to the switch.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS3USB221E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com