Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA707XM Datasheet(PDF) 13 Page - Sanken electric

Part # SLA707XM
Description  2-Phase Unipolar Stepper Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA707XM Datasheet(HTML) 13 Page - Sanken electric

Back Button SLA707XM Datasheet HTML 9Page - Sanken electric SLA707XM Datasheet HTML 10Page - Sanken electric SLA707XM Datasheet HTML 11Page - Sanken electric SLA707XM Datasheet HTML 12Page - Sanken electric SLA707XM Datasheet HTML 13Page - Sanken electric SLA707XM Datasheet HTML 14Page - Sanken electric SLA707XM Datasheet HTML 15Page - Sanken electric SLA707XM Datasheet HTML 16Page - Sanken electric SLA707XM Datasheet HTML 17Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
2-Phase Unipolar Stepper Motor Driver
SLA707xM Series
February, 2006
Sanken Electric Co.,Ltd.
I03-004EA-060227
Example application circuit
SLA7077MR
マイコン
VBB
OutA
OutA
OutB
OutB
VDD
Clock
Sync
CW/CCW
Ref/Sleep1
SenseB
SenseA
Gnd
r1
r2
Sleep
Q1
CA
CB
Vs=10V
44V
Vcc=3.0V
5.5V
ロジックGnd
パワーGnd
1点Gnd
Reset
M1
M2
M3
Mo
N.C.
C1
r3
C2
Reference constant
R1 = 10kΩ
CA = 100µF/50V
R2 = 5.1kΩ(VR)
CB = 10µF/10V
R3 = 10kΩ
C1 = 0.1µF
• Take precautions to avoid noise on the VDD line:
Switching noise from PCB traces, where high current flows, to the VDD line should be minimized
because the noise level more than 0.5V on the VDD line may cause malfunctioning operation.
The tip for avoiding such problem is to separate the logic GND (S-GND) and the power GND (P-GND) on
the PCB, and then connect them together at IC GND pin (pin 12).
Logic Ground
Power Ground
Single Point
Ground
13/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com