Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02090.5MXP Datasheet(PDF) 3 Page - Littelfuse

Part # 02090.5MXP
Description  Axial Lead & Cartridge Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

02090.5MXP Datasheet(HTML) 3 Page - Littelfuse

  02090.5MXP Datasheet HTML 1Page - Littelfuse 02090.5MXP Datasheet HTML 2Page - Littelfuse 02090.5MXP Datasheet HTML 3Page - Littelfuse 02090.5MXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revised: January 7, 2009
253
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
209 Series
Please refer to www.littelfuse.com/series/209.html for current information.
Product Characteristics
Dimensions
Materials
Body : Glass
Cap : Nickel–plated brass
Leads: Tin–plated Copper
Terminal Strength
MIL-STD-202G, Method 211A,
Test Condition A
Solderability
Reference IEC 60127 Second Edition
2003-01 Annex A
Product Marking
Cap1 : Brand logo, current and voltage
ratings
Cap2 : Series and agency approval marks
Operating
Temperature:
–55ºC to 125ºC.
Thermal
Shock:
MIL-STD-202G, Method 107G, Test Condition B
(5 Cycles -65ºC to +125ºC).
Vibration
MIL-STD-202G, Method 201A
Humidity
MIL-STD-202G, Method 103B, Test Condition
A: High RH (95%) and elevated temp (40ºC)
for 240 hours
Salt Spray
MIL-STD-202G, Method 101D, Test Condition B
Packaging
209 000P Series
209 000EP Series
4.5
(.177")
14.48
(.57")
14.48
(.57")
4.7 (.184")
.635
(.025")
38.1
(1.50") TYP.
Part Numbering System
Option Codes
Packaging Code
Quantity Code
Current Rating Code
Series
Blank = Cartridge Type Fuse
E = Axial Leaded Fuse
X = Loose Pack
M = 1000
Refer to Amp Code column of
Electrical Characteristics Table
0209
M X E P
xxxx
Lead-free
Packaging Option
Packaging Specification
Quantity
Quantity & Packaging
Code
Taping Width
209 Series
Bulk
N/A
1000
MX
N/A
Bulk
N/A
1000
MXE
N/A
Reel and Tape
EIA 296-E
1500
DRT1
T1=52mm (2.062”)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com