Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSH10 Datasheet(PDF) 2 Page - Daya Electric Group Co., Ltd.

Part # MPSH10
Description  VHF/UHF Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

MPSH10 Datasheet(HTML) 2 Page - Daya Electric Group Co., Ltd.

  MPSH10 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. MPSH10 Datasheet HTML 2Page - Daya Electric Group Co., Ltd. MPSH10 Datasheet HTML 3Page - Daya Electric Group Co., Ltd. MPSH10 Datasheet HTML 4Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPSH10 MPSH11
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 4.0 mAdc, VCE = 10 Vdc)
hFE
60
—
—
Collector – Emitter Saturation Voltage
(IC = 4.0 mAdc, IB = 0.4 mAdc)
VCE(sat)
—
0.5
Vdc
Base – Emitter On Voltage
(IC = 4.0 mAdc, VCE = 10 Vdc)
VBE(on)
—
0.95
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 4.0 mAdc, VCE = 10 Vdc, f = 100 MHz)
fT
650
—
MHz
Collector–Base Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Ccb
—
0.7
pF
Common–Base Feedback Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
MPSH10
MPSH11
Crb
0.35
0.6
0.65
0.9
pF
Collector Base Time Constant
(IC = 4.0 mAdc, VCB = 10 Vdc, f = 31.8 MHz)
rb’Cc
—
9.0
ps



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com