Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF030R Datasheet(PDF) 2 Page - Littelfuse

Part # SPF030R
Description  Solar Rated Midget Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPF030R Datasheet(HTML) 2 Page - Littelfuse

  SPF030R Datasheet HTML 1Page - Littelfuse SPF030R Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solar Rated Midget Fuse
www.littelfuse.com | 800-TEC-FUSE
© 2009 Littelfuse • POWR-GARD® Products
Time Current Opening Characteristics
Solar Panel Fuse
0.01
0.1
1
10
100
1000
1
10
100
1000
10000
C urrent in Amperes
Time in Seconds
1A
2A
3A
4A
5A
6A
8A
10A
12A
Solar Panel Fuse
0.01
0.1
1
10
100
1000
1
10
100
1000
10000
C urrent in Amperes
Time in Seconds
15A
20A
25A
30A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com