Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY133 Datasheet(PDF) 2 Page - Daya Electric Group Co., Ltd.

Part # BY133
Description  1.0 AMP. Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

BY133 Datasheet(HTML) 2 Page - Daya Electric Group Co., Ltd.

  BY133 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. BY133 Datasheet HTML 2Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (1N4001 THRU 1N4007)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
10
80
60
40
20
28
6
4
1
100
10
20
40
30
0
50
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
0
50
75
100
125
150
175
0.4
0.6
0
0.2
0.8
1
AMBIENT TEMPERATURE. ( C)
o
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
FIG.2- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.01
0.04
0.4
0.1
1
4
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=25 C
0
FIG.4- TYPICAL JUNCTION CAPACITANCE
0.1
0.2
0.4
1
100
40
20
24
10
1
60
100
40
20
10
6
4
2
REVERSE VOLTAGE. (V)
Tj=25 C
0
200
FIG.5- TYPICAL FORWARD CHARACTERISTICS
1.5
0.6
0.8
1.0
1.2
1.4
0.01
20
10
2
1
0.4
0.2
0.04
0.1
0.02
FORWARD VOLTAGE. (V)
4
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
D A Y A
TDD
-
-
Factory Address: Taiguan Industrial zone, Yanjinyu Dongjin Rode No.1, XinXiang, HeNan, China
26



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com