Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1014 Datasheet(PDF) 39 Page - SMSC Corporation

Part # CAP1014
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1014 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button CAP1014 Datasheet HTML 35Page - SMSC Corporation CAP1014 Datasheet HTML 36Page - SMSC Corporation CAP1014 Datasheet HTML 37Page - SMSC Corporation CAP1014 Datasheet HTML 38Page - SMSC Corporation CAP1014 Datasheet HTML 39Page - SMSC Corporation CAP1014 Datasheet HTML 40Page - SMSC Corporation CAP1014 Datasheet HTML 41Page - SMSC Corporation CAP1014 Datasheet HTML 42Page - SMSC Corporation CAP1014 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1014
39
Revision 1.65 (08-11-09)
DATASHEET
5.7
Noise Flag Status Registers
The Noise Flag Status registers store status bits that are generated from the analog block if the
detected noise is above the operating region of the analog detector. These bits indicate that the most
recently received data from the sensor is invalid and should not be used for touch detection.
Furthermore, so long as the bit is set for a particular channel, no decisions are made with the data.
The queues are not updated, a touch is not detected, and a release is not detected.
These bits are not sticky and will be cleared automatically if the analog block does not report a noise
error.
5.8
Lid Closure Status Registers
The Lid Closure Status registers bits are only set if the lid closure detection circuitry is enabled (see
Section 5.24, "Lid Closure Configuration Register"). These status bits indicate that the corresponding
Capacitive Touch Sensor exceeded the Lid Closure threshold. These bits will be set if a button press
is detected, because the Lid Closure threshold is a percentage of the Sensor Threshold.
These bits are used in combination with the Lid Closure Pattern register settings to determine when a
Lid Closure Event is flagged (see Section 5.26, "Lid Closure Pattern Registers").
These bits are not sticky and will be cleared automatically when the corresponding sensor count drops
below the lid closure count threshold. The device does not flag a sensor as above or below the
threshold until it has cycled through the queue (see Section 5.25, "Lid Closure Queue Control
Register").
APPLICATION NOTE: It is likely that recalibration will occur while the lid is closed, resulting in negative delta counts
until recalibration takes place.
Table 5.10 Noise Flag Status Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Ah
R
Noise Flag
Status 1
-
S7_
NOISE
S6_
NOISE
S5_
NOISE
S4_
NOISE
S3_
NOISE
S2_
NOISE
S1_
NOISE
00h
0Bh
R
Noise Flag
Status 2
-
S14_
NOISE
S13_
NOISE
S12_
NOISE
S11_
NOISE
S10_
NOISE
S9_
NOISE
S8_
NOISE
00h
Table 5.11 Lid Closure Status Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Ch
R
Lid Closure
Status 1
-
S7_
LID
S6_
LID
S5_
LID
S4_
LID
S3_
LID
S2_
LID
S1_
LID
00h
0Dh
R
Lid Closure
Status 2
-
S14_
LID
S13_
LID
S12_
LID
S11_
LID
S10_
LID
S9_
LID
S8_
LID
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com