Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1028 Datasheet(PDF) 13 Page - SMSC Corporation

Part # CAP1028
Description  8 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1028 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button CAP1028 Datasheet HTML 9Page - SMSC Corporation CAP1028 Datasheet HTML 10Page - SMSC Corporation CAP1028 Datasheet HTML 11Page - SMSC Corporation CAP1028 Datasheet HTML 12Page - SMSC Corporation CAP1028 Datasheet HTML 13Page - SMSC Corporation CAP1028 Datasheet HTML 14Page - SMSC Corporation CAP1028 Datasheet HTML 15Page - SMSC Corporation CAP1028 Datasheet HTML 16Page - SMSC Corporation CAP1028 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
8 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
SMSC CAP1028
13
Revision 1.1 (08-05-09)
DATASHEET
SMBus First
Communication
tSMB
15
ms
SMBus Timing
Input Capacitance
CIN
5pF
Clock Frequency
fSMB
10
400
kHz
Spike Suppression
tSP
50
ns
Bus free time Start to
Stop
tBUF
1.3
us
Setup Time: Start
tSU:STA
0.6
us
Setup Time: Stop
tSU:STP
0.6
us
Data Hold Time
tHD:DAT
0.6
6
us
Data Setup Time
tSU:DAT
0.6
72
us
Clock Low Period
tLOW
1.3
us
Clock High Period
tHIGH
0.6
us
Clock/Data Fall time
tFALL
300
ns
Min = 20+0.1CLOAD ns
Clock/Data Rise time
tRISE
300
ns
Min = 20+0.1CLOAD ns
Capacitive Load
CLOAD
400
pF
per bus line
BC-Link Timing
Clock Period
tCLK
250
ns
Data Hold Time
tHD:DAT
0ns
Data Setup Time
tSU:DAT
30
ns
Data must be valid before clock
Clock Duty Cycle
Duty
40
50
60
%
SPI Timing
Clock Period
tP
250
ns
Clock Low Period
tLOW
0.4 x tP
0.6 x tP
ns
Clock High Period
tHIGH
0.4 x tP
0.6 x tP
ns
Clock Rise / Fall
time
tRISE /
tFALL
0.1 x tP
ns
Data Output Delay
tD:CLK
10
ns
Data Setup Time
tSU:DAT
20
ns
Data Hold Time
tHD:DAT
20
ns
Table 2.2 Electrical Specifications (continued)
VDD = 3V to 3.6V, TA = 0°C to 100°C, all Typical values at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com