Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1006 Datasheet(PDF) 7 Page - SMSC Corporation

Part # CAP1006
Description  5 and 6 Channel Capacitive Touch Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1006 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button CAP1006 Datasheet HTML 3Page - SMSC Corporation CAP1006 Datasheet HTML 4Page - SMSC Corporation CAP1006 Datasheet HTML 5Page - SMSC Corporation CAP1006 Datasheet HTML 6Page - SMSC Corporation CAP1006 Datasheet HTML 7Page - SMSC Corporation CAP1006 Datasheet HTML 8Page - SMSC Corporation CAP1006 Datasheet HTML 9Page - SMSC Corporation CAP1006 Datasheet HTML 10Page - SMSC Corporation CAP1006 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
5 and 6 Channel Capacitive Touch Sensor
Datasheet
SMSC CAP1005 / CAP1006
7
Revision 1.1 (08-05-09)
DATASHEET
Chapter 1 Pin Description
Figure 1.1 CAP1006 Pin
Table 1.1 Pin Description for CAP1006
PIN
NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE
1
CS1
Capacitive Touch Sensor 1
AIO
2
ALERT# /
BC_IRQ#
ALERT# - Active low alert / interrupt output usable for SMBus alert
(CAP1006-1)
OD (5V)
BC_IRQ# - Active low interrupt / optional for BC-Link
(CAP1006-2)
OD (5V)
3
SMDATA /
BC_DATA
SMDATA - Bi-directional, open-drain SMBus data - requires pull-up
resistor (CAP1006-1)
DIOD (5V)
BC_DATA - Bi-directional, open-drain BC-Link data - requires pull-
up resistor (CAP1006-2)
DIO
4
SMCLK /
BC_CLK
SMCLK - SMBus clock input - requires pull-up resistor
(CAP1006-1)
DI (5V)
BC_CLK - BC-Link clock input (CAP1006-2)
DI (5V)
5
VDD
Positive Power supply
Power
6
CS6
Capacitive Touch Sensor 6
AIO
7
CS5
Capacitive Touch Sensor 5
AIO
8
CS4
Capacitive Touch Sensor 4
AIO
9
CS3
Capacitive Touch Sensor 3
AIO
GND
10
9
8
7
6
CS3
CS2
1
2
3
4
5
CS4
CS1
ALERT# / BC_IRQ#
SMDATA / BC_DATA
VDD
SMCLK / BC_CLK
CS5
CS6
CAP1006
3mm x 3mm DFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com