Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512B Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2512B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512B Datasheet(HTML) 1 Page - SMSC Corporation

  USB2512B Datasheet HTML 1Page - SMSC Corporation USB2512B Datasheet HTML 2Page - SMSC Corporation USB2512B Datasheet HTML 3Page - SMSC Corporation USB2512B Datasheet HTML 4Page - SMSC Corporation USB2512B Datasheet HTML 5Page - SMSC Corporation USB2512B Datasheet HTML 6Page - SMSC Corporation USB2512B Datasheet HTML 7Page - SMSC Corporation USB2512B Datasheet HTML 8Page - SMSC Corporation USB2512B Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
SMSC USB251x Hub Family
DATASHEET
Revision 1.0 (3-11-09)
Datasheet
PRODUCT FEATURES
USB2512/12A/12B
USB2513/13B
USB2514/14B
USB2517
USB 2.0 Hi-Speed
Hub Controller
General Description
The SMSC USB251x hub is a family of low-power, OEM
configurable, MTT (multi transaction translator)1 hub
controller IC products for embedded USB solutions. The
“x” in the part number indicates the number of
downstream ports available. The SMSC hub supports
low-speed, full-speed, and hi-speed (if operating as a hi-
speed hub) downstream devices on all of the enabled
downstream ports.
For a summary of the products documented in this
datasheet, please refer to the Chapter 1, "USB251x Hub
Family Differences Overview," on page 7.
Highlights
High performance, low-power, small footprint hub
controller IC with 2, 3, 4, or 7 downstream ports
(indicated by the “x” in the part number)
Fully compliant with the USB 2.0 specification
Enhanced OEM configuration options available
through either a single serial I2C® EEPROM, or
SMBus slave port
MultiTRAKTM
— High-performance multiple transaction translator which
provides one transaction translator per port
PortMap
— Flexible port mapping and disable sequencing
PortSwap
— Programmable USB differential-pair pin locations ease
PCB design by aligning USB signal lines directly to
connectors
PHYBoost
— Programmable USB signal drive strength for recovering
signal integrity using 4-level driving strength resolution
Features
Full power management with individual or ganged
power control of each downstream port
Fully integrated USB termination and pull-up/pull-
down resistors
Supports a single external 3.3 V supply source;
internal regulators provide 1.2 V or 1.8 V internal
core voltage
On-chip driver for 24 MHz crystal resonator or
external 24/48 MHz clock input
Customizable vendor ID, product ID, and device ID
ESD protection up to 4 kilovolts on all USB pins
Supports self- or bus-powered operation
USB251xB2 and USB251xBi products support the
USB Battery Charging specification
Lead-free RoHS compliant packages:
— 36-pin QFN (6x6 mm)
— 48-pin QFN (7x7 mm)
— 64-pin QFN (9x9 mm)
USB251xi, USB2512Ai, and USB251xBi products
support the industrial temperature range of -40ºC
to +85ºC
Applications
LCD monitors and TVs
Multi-function USB peripherals
PC motherboards
Set-top boxes, DVD players, DVR/PVR
Printers and scanners
PC media drive bay
Portable hub boxes
Mobile PC docking
Embedded systems
1.USB2512A/Ai only uses a single transaction translator.
2.USB251xB and USB251xBi products are not yet available.
The information in this datasheet regarding USB251xB/Bi
serves as a preliminary product preview.


Similar Part No. - USB2512B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2512B MICROCHIP-USB2512B Datasheet
1,017Kb / 57P
USB 2.0 Hi-Speed Hub Controller
10-20-15
USB2512B MICROCHIP-USB2512B Datasheet
810Kb / 57P
USB 2.0 Hi-Speed Hub Controller
2010 - 2015
logo
SMSC Corporation
USB2512B-AEZG SMSC-USB2512B-AEZG Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512B-AEZG MICROCHIP-USB2512B-AEZG Datasheet
861Kb / 63P
USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
More results

Similar Description - USB2512B

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB251XB MICROCHIP-USB251XB Datasheet
1,017Kb / 57P
USB 2.0 Hi-Speed Hub Controller
10-20-15
USB251 MICROCHIP-USB251 Datasheet
810Kb / 57P
USB 2.0 Hi-Speed Hub Controller
2010 - 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com