Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS250CSM4 Datasheet(PDF) 2 Page - Seme LAB

Part # BS250CSM4
Description  P-CHANNEL ENHANCEMENT MODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HIGH REL APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BS250CSM4 Datasheet(HTML) 2 Page - Seme LAB

  BS250CSM4 Datasheet HTML 1Page - Seme LAB BS250CSM4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BS250CSM4
Prelim. 3/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
V(BR)DSS
VGS(TH)
IGSS
IDSS
ID(ON)
RDS(ON)
gfs
gos
Ciss
Coss
Crss
ton
toff
45
60
12.7
3.5
"
1
"
20
0.5
2000
0.2
14
28
100
600
25
60
15
25
48
16
15
Drain – Source Breakdown Voltage
Gate Threshold Voltage
Gate – Body Leakage
Zero Gate Voltage Drain Current
On State Drain Current1
Drain – Source On-State Resistance1
Forward Transconductance1
Common Source Output Conductance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn–on Time
Turn-off Time
VGS = 0V
ID = 100mA
VDS = VGS
ID = 1mA
VGS = "15V
VDS = 0V
VDS = 36V
VGS = 0V
TJ = 125°C
VDS = 10V
VGS = 10V
VGS = 10V
ID = 0.2A
TJ = 125°C
VDS = -10V
ID = 0.2A
VDS = -7.5V
ID = -0.1A
VGS = 0V
VDS = 25V
f = 1MHz
VDD = 25V
RL = 120W
ID = 200mA
RG = 25W
VGEN = 10V
(Switching time is
essentially independent of operating temp.)
V
nA
mA
A
W
mS
mS
pF
ns
ELECTRICAL RATINGS (T
A = 25°C unless otherwise stated)
NOTES:
1) Pulse Test: Pulse Width = 300
ms , Duty Cycle £ 2%
STATIC CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com