Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1303GR Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1303GR
Description  Single-Transistor Optocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1303GR Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1303GR Datasheet HTML 1Page - Clare, Inc. CPC1303GR Datasheet HTML 2Page - Clare, Inc. CPC1303GR Datasheet HTML 3Page - Clare, Inc. CPC1303GR Datasheet HTML 4Page - Clare, Inc. CPC1303GR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
CPC1303
R02
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings
Electrical Characteristics
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Phototransistor Breakdown Voltage
I
CEO=10µA
BV
CEO
30
-
-
V
P
Phototransistor Output (Dark) Current
V
CEO=5V, IF=0mA
I
CEO
-
25
500
nA
Saturation Voltage
I
C=0.4mA, IF=0.2mA
V
CEsat
-
0.1
0.45
V
I
C=10mA, IF=10mA
-
0.12
0.5
V
Current Transfer Ratio
I
F=0.2mA, VCE=0.5V
CTR
200
1000
2500
%
Output Capacitance
V
CEO=25V, f=1MHz
C
OUT
-6
-
pF
Input Characteristics @ 25°C
Input Control Current
I
C=0.4mA, VCE=0.5V
I
F
-
-
0.2
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Input Reverse Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
pF
Parameter
Ratings
Units
Breakdown Voltage
30
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Power Dissipation 2
Input 1
150
mW
Phototransistor 2
150
Isolation Voltage, Input to Output
5000
V
rms
Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 1.33 mW/oC
2 Derate Linearly 2.00 mW/oC
Electrical absolute maximum ratings are at 25°C
Characteristic
Symbol
Test Condition
Typ
Units
Turn-On Time
t
ON
V
CC=5V, IF=1mA, RL=500Ω
2
μs
Turn-Off Time
t
OFF
8
Switching Characteristics @ 25ºC
Switching Time Test Circuit
V
CC
V
CE
R
L
I
F
Pulse Width=5ms
Duty Cycle=1%
I
F
10%
90%
t ON
t OFF
V
CE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com