Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1066 Datasheet(PDF) 39 Page - SMSC Corporation

Part # CAP1066
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1066 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button CAP1066 Datasheet HTML 35Page - SMSC Corporation CAP1066 Datasheet HTML 36Page - SMSC Corporation CAP1066 Datasheet HTML 37Page - SMSC Corporation CAP1066 Datasheet HTML 38Page - SMSC Corporation CAP1066 Datasheet HTML 39Page - SMSC Corporation CAP1066 Datasheet HTML 40Page - SMSC Corporation CAP1066 Datasheet HTML 41Page - SMSC Corporation CAP1066 Datasheet HTML 42Page - SMSC Corporation CAP1066 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
6 Channel Capacitive Touch Sensor with 6 LED Drivers
Datasheet
SMSC CAP1066
39
Revision 1.1 (08-05-09)
DATASHEET
5.6
Configuration Register
The Configuration register controls general global functionality that affects the entire device.
Bit 7 - TIMEOUT - Enables the timeout and idle functionality of the SMBus protocol.
‘0’ (default) - The SMBus timeout and idle functionality are disabled. The SMBus interface will not
time out if the clock line is held low. Likewise, it will not reset if both the data and clock lines are
held high for longer than 150us. This is used for I2C compliance.
‘1’ - The SMBus timeout and idle functionality are enabled. The SMBus interface will time out if the
clock line is held low for longer than 30ms. Likewise, it will reset if both the data and clock lines
are held high for longer than 150us.
Bit 6 - WAKE_CFG - Configures the operation of the WAKE pin.
‘0’ (default) - The WAKE pin is not asserted when a touch is detected while the device is in Standby.
It will still be used to wake the device from Deep Sleep when driven high.
‘1’ - The WAKE pin will be asserted high when a touch is detected while the device is in Standby.
It will also be used to wake the device from Deep Sleep when driven high.
Bit 5 - BLK_DIG_NOISE - Determines whether the digital noise threshold is used by the device.
‘0’ - The digital noise threshold is used. If a delta count value exceeds the noise threshold but does
not exceed the touch threshold, then the sample is discarded and not used for the automatic re-
calibration routine.
‘1’ (default) - The noise threshold is not used. Any delta count that is less than the touch threshold
is used for the automatic re-calibration routine.
Bit 4 - BLK_ANA_NOISE - Determines whether the analog noise flag setting will block a touch
detection as well as the analog calibration routine.
‘0’ (default) - If the analog noise bit is set, then a touch is blocked on the corresponding channel
and will force the analog calibration routine to retry.
‘1’ - A touch is not blocked even if the analog noise bit is set. Likewise, the analog calibration
routine will not retry if the analog noise bit is set.
Bit 3 - MAX_DUR_EN - Determines whether the maximum duration recalibration is enabled for non-
grouped sensors.
‘0’ (default) - The maximum duration recalibration functionality is disabled. A touch may be held
indefinitely and no re-calibration will be performed on any sensor.
‘1’ - The maximum duration recalibration functionality is enabled. If a touch is held for longer than
the MAX_DUR bit settings, then the re-calibration routine will be restarted (see Section 5.8).
5.7
Sensor Enable Registers
Table 5.9 Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
20h
R/W
Configuration
TIMEOUT
WAKE_
CFG
BLK_ DIG_
NOISE
BLK_ ANA_
NOISE
MAX_DUR_
EN
-
-
-
20h
Table 5.10 Sensor Enable Registers
ADDR
R/W
REGISTER
B7
B6
B5B4B3B2B1B0
DEFAULT
21h
R/W
Sensor Enable
-
-
CS6_EN
CS5_EN
CS4_EN
CS3_EN
CS2_EN
CS1_EN
3Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com