Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1088 Datasheet(PDF) 21 Page - SMSC Corporation

Part # CAP1088
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1088 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button CAP1088 Datasheet HTML 17Page - SMSC Corporation CAP1088 Datasheet HTML 18Page - SMSC Corporation CAP1088 Datasheet HTML 19Page - SMSC Corporation CAP1088 Datasheet HTML 20Page - SMSC Corporation CAP1088 Datasheet HTML 21Page - SMSC Corporation CAP1088 Datasheet HTML 22Page - SMSC Corporation CAP1088 Datasheet HTML 23Page - SMSC Corporation CAP1088 Datasheet HTML 24Page - SMSC Corporation CAP1088 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
3.5.1
Reset Interface
Resets the Serial interface whenever two successive 7Ah codes are received. Regardless of the current phase of the transaction - command or data,
the receipt of the successive reset commands resets the Serial communication interface only. All other functions are not affected by the reset operation.
Figure 3.1 Example SPI Bus Communication - Normal Mode
SPI_CS#
SPI_MISO
SPI_MOSI
SPI Address Pointer
SPI Data output buffer
Register Address /
Data
7Ah
XXh
(invalid)
XXh
(invalid)
YYh
(invalid)
7Ah
7Dh
41h
YYh
(invalid)
7Eh
66h
XXh
(invalid)
45h
7Dh
41h
AAh
(invalid)
AAh
(invalid)
7Fh
7Fh
55h
(invalid)
66h
7Fh
AAh
7Dh
43h
40h
78h
7Fh
XXh
(invalid)
7Fh
56h
40h / 56h
41h / 45h
42h / AAh
43h / 55h
44h / 80h
45h / 43h
46h / 78h
41h
45h
40h / 56h
41h / 45h
42h / AAh
43h / 55h
44h / 80h
45h / 43h
46h / 78h
42h
AAh
40h / 56h
41h / 66h
42h / AAh
43h / 55h
44h / 80h
45h / 43h
46h / 78h
41h
55h
7Fh
AAh
40h / 56h
41h / 66h
42h / AAh
43h / 55h
44h / 80h
45h / 43h
46h / 78h
41h
66h
42h
AAh
40h / 56h
41h / 66h
42h / AAh
43h / 55h
44h / 80h
45h / 43h
46h / 78h
40h / 56h
41h / 66h
42h / AAh
43h / 55h
44h / 80h
45h / 43h
46h / 78h
40h / 56h
41h / 66h
42h / AAh
43h / 55h
44h / 80h
45h / 43h
46h /78h
44h
80h
40h
80h
40h
56h
40h / 56h
41h / 66h
42h / AAh
43h / 55h
44h / 80h
45h / 43h
46h /78h
43h
55h
7Fh
7Fh
55h
40h / 56h
41h / 66h
42h / AAh
43h / 55h
44h / 80h
45h / 43h
46h /78h
80h
45h
43h
46h
78h
40h / 56h
41h / 66h
42h / AAh
43h / 55h
44h / 80h
45h / 43h
46h / 78h
00h
XXh
Indicates SPI Address pointer incremented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com