Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2302 Datasheet(PDF) 7 Page - SMSC Corporation

Part # EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 3Page - SMSC Corporation EMC2302 Datasheet HTML 4Page - SMSC Corporation EMC2302 Datasheet HTML 5Page - SMSC Corporation EMC2302 Datasheet HTML 6Page - SMSC Corporation EMC2302 Datasheet HTML 7Page - SMSC Corporation EMC2302 Datasheet HTML 8Page - SMSC Corporation EMC2302 Datasheet HTML 9Page - SMSC Corporation EMC2302 Datasheet HTML 10Page - SMSC Corporation EMC2302 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
SMSC EMC2302
7
Revision 1.1 (10-12-09)
DATASHEET
Chapter 1 Pin Description
Figure 1.1 EMC2302 Pin Diagram (10-Pin MSOP)
Table 1.1 Pin Description for EMC2302
PIN NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE
1SMDATA
SMBus data input/output - requires
external pull-up resistor
DIOD (5V)
2SMCLK
SMBus clock input - requires external
pull-up resistor
DI (5V)
3
VDD
Power Supply
Power
4
GND
Ground
Power
5PWM1
Push-Pull PWM output driver for Fan 1
DO
Open Drain PWM output driver for Fan 1
OD (5V)
6TACH1
Open drain tachometer input for Fan 1-
requires pull-up resistor
DI (5V)
7PWM2
Push-Pull PWM output driver for Fan 2
DO
Open Drain PWM output driver for Fan 2
OD (5V)
8TACH2
Open drain tachometer input for Fan 2 -
requires pull-up resistor
DI (5V)
EMC2302
10-MSOP
1
2
3
10
9
8
VDD
SMCLK
PWM1
SMDATA
CLK
GND
TACH1
PWM2
TACH2
ALERT#
4
5
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com