Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2303 Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC2303
Description  Multiple RPM-Based PWM Fan Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2303 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC2303 Datasheet HTML 17Page - SMSC Corporation EMC2303 Datasheet HTML 18Page - SMSC Corporation EMC2303 Datasheet HTML 19Page - SMSC Corporation EMC2303 Datasheet HTML 20Page - SMSC Corporation EMC2303 Datasheet HTML 21Page - SMSC Corporation EMC2303 Datasheet HTML 22Page - SMSC Corporation EMC2303 Datasheet HTML 23Page - SMSC Corporation EMC2303 Datasheet HTML 24Page - SMSC Corporation EMC2303 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Multiple RPM-Based PWM Fan Controller
Datasheet
SMSC EMC2303
21
Revision 1.1 (10-12-09)
DATASHEET
4.5.3
Internal Clock
Alternately, the EMC2303 may be configured to use its internal clock as a clock output to drive other
fan driver devices. When configured to operate in this mode, the device uses its internal clock for
tachometer reading and drives the CLK pin using a push-pull driver.
4.6
Spin Up Routine
The EMC2303 also contains programmable circuitry to control the spin up behavior of the fan driver
to ensure proper fan operation.
The Spin Up Routine is initiated in Direct Setting mode when the setting value changes from 00h to
anything else.
When the Fan Speed Control Algorithm is enabled, the Spin Up Routine is initiated under the following
conditions:
1. The TACH Target Register value changes from a value of FFh to a value that is less than the Valid
TACH Count (see Section 5.15).
2. The RPM-based Fan Speed Control Algorithm’s measured TACH Reading Register value is greater
than the Valid TACH Count setting.
When the Spin Up Routine is operating, the fan driver is set to full scale (optional) for one quarter of
the total user defined spin up time. For the remaining spin up time, the fan driver output is set at a
user defined level (30% through 65% drive).
After the Spin Up Routine has finished, the EMC2303 measures the TACHx signal. If the measured
TACH Reading Register value is higher than the Valid TACH Count Register setting, the FAN_SPIN
status bit is set and the Spin Up Routine will automatically attempt to restart the fan.
Figure 4.2 shows an example of the Spin Up Routine in response to a programmed fan speed change
based on the first condition above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com