Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM20-5-AC1-R-F-C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # ACM20-5-AC1-R-F-C
Description  Four-Function AC Power Meters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACM20-5-AC1-R-F-C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  ACM20-5-AC1-R-F-C Datasheet HTML 1Page - Murata Power Solutions Inc. ACM20-5-AC1-R-F-C Datasheet HTML 2Page - Murata Power Solutions Inc. ACM20-5-AC1-R-F-C Datasheet HTML 3Page - Murata Power Solutions Inc. ACM20-5-AC1-R-F-C Datasheet HTML 4Page - Murata Power Solutions Inc. ACM20-5-AC1-R-F-C Datasheet HTML 5Page - Murata Power Solutions Inc. ACM20-5-AC1-R-F-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
Murata Power Solutions’ ACM20 series AC power meters display the most critical
measurements in mains-powered equipment: voltage, amperage, active power (watts), and
power factor. A front panel selector-switch provides two modes of operation: a fixed reading
of any of the four parameters, or a continuous cycling through all four measurements. An
optional model displays line frequency with 0.1Hz resolution. All ACM20 multi-function
power meters include built-in current transformers—no other user-supplied components
are required.
ACM20 series AC power meters are available in a choice of two input ranges: 0-32A
(with 0.01A resolution, 9999 watts max.); 0-100A (0.1A resolution, 26.4kW max.). An
85-264Vac (47-63Hz) operating supply range makes these power meters perfect for
worldwide power monitoring applications. And, unlike conventional, average-responding
products, ACM20 power meters can accurately display the true-rms voltage and current
values of triangle waves, square waves, and other irregularly shaped waveforms, with an
accuracy of ±1% of full scale.
Their large (0.36"/9.2mm), bright red LED display makes ACM20 AC power meters
easily readable from as far as 15 feet (5 meters). All units are packaged in a one-piece,
vibration resistant, polycarbonate housing that can be installed in vertical ‘0U’ and ‘1U’
rack spaces. Their miniature size is perfect for UPS power sources, power strips, labora-
tory instrumentation, alternative energy applications, and any other products that require
precise monitoring of AC power.
PRODUCT OVERVIEW
FEATURES
„ Displays AC Volts,Amps,Watts, and Power Factor
„ User-selectable display modes: continuous auto cycling,
or fixed reading
„ Universal 85-264Vac (47-63Hz) operating range
„ Built-in current transformers simplify installation; choice of
32A or 100A ranges
„ Ideal for power distribution units (PDUs) and power strips
„ True-rms readings of complex voltage and current waveforms
„ Low-power consumption: less than ¼watt from 120Vac
„ One-piece polycarbonate housing fits ‘0U’ & ‘1U’ racks
„ Surface mount design occupies minimal panel space
„ Bright red LED-display with four annunciators
„ Optional Frequency reading models (0.1Hz resolution)
Actual size
SIMPLIFIED SCHEMATIC DIAGRAM
A
B
85-264 Vac
47-63 Hz
AC/DC
CONVERTER
MICRO-
CONTROLLER
SEL
+5V
+5V
+5V
A/D
CONVERTER
LOAD CURRENT
L1
VOLTS
AMPS
WATTS
PF
ACM20 Series
Four-Function AC Power Meters
For full details go to
www.murata-ps.com/rohs
www.murata-ps.com/dpm
www.murata-ps.com
email: sales@murata-ps.com
08 Oct 2009
MPM_ACM20 Series.A03 Page 1 of 6


Similar Part No. - ACM20-5-AC1-R-F-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACM20-5-AC1-R-F-C MURATA-PS-ACM20-5-AC1-R-F-C Datasheet
444Kb / 6P
Four-Function AC Power Meters
logo
Murata Manufacturing Co...
ACM20-5-AC1-R-F-C MURATA-ACM20-5-AC1-R-F-C Datasheet
518Kb / 6P
Four-Function AC Power Meters
More results

Similar Description - ACM20-5-AC1-R-F-C

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C6080 HAMAMATSU-C6080 Datasheet
141Kb / 2P
UV Power METERS
logo
Extech Instruments Corp...
380942 EXTECH-380942 Datasheet
327Kb / 1P
Mini DC/AC Clamp Meters
logo
Murata Power Solutions ...
ACM20 MURATA-PS-ACM20_10 Datasheet
444Kb / 6P
Four-Function AC Power Meters
logo
Murata Manufacturing Co...
ACM20 MURATA-ACM20 Datasheet
518Kb / 6P
Four-Function AC Power Meters
logo
Honeywell Accelerometer...
28100 HONEYWELL-ACC-28100 Datasheet
347Kb / 6P
Other AC and DC Meters Available
logo
Extech Instruments Corp...
380941 EXTECH-380941_15 Datasheet
228Kb / 1P
Mini DC/AC Clamp Meters
380942 EXTECH-380942_15 Datasheet
228Kb / 1P
Mini DC/AC Clamp Meters
380947 EXTECH-380947_15 Datasheet
228Kb / 1P
Mini DC/AC Clamp Meters
MA200 EXTECH-MA200_15 Datasheet
229Kb / 1P
400A AC and AC/DC Clamp Meters
MA220 EXTECH-MA220_15 Datasheet
229Kb / 1P
400A AC and AC/DC Clamp Meters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com