Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

782482/33VC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # 782482/33VC
Description  ADM2482E/ADM2487E Compatible Converter Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

782482/33VC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  782482/33VC Datasheet HTML 1Page - Murata Power Solutions Inc. 782482/33VC Datasheet HTML 2Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KMP_782482C_A01 Page 2 of 2
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
782482 Series
ADM2482E/ADM2487E Compatible Converter Transformers
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
1
2
34
5
6
3.44±0.50
(0.135±0.02)
6.35
(0.25)
9.14
(0.360) Max.
9.77
(0.385) Max.
Primary
Secondary
0.30(0.012)
0.20(0.008)
10.16±0.40
(0.40±0.016)
0.6 (0.024)
2.54
(0.1)
782482/33VC
XYYWW
2.54 (0.10)
2.54 (0.10)
Ø1.20 (0.05) +0.15 (0.006)
-0.00 (0.000)
Unless otherwise stated all dimensions in mm (inches) ± 0.25 (0.01).
All pins on a 2.54(0.1) pitch and within ±0.25(0.01) of true position
.
Unless otherwise stated all dimensions in mm (inches) ±0.25 (0.01).
All pins on a 2.54 (0.1) pitch and within ±0.25 (0.01) of true position
.
Package Weight 1.1g TYP.
TUBE OUTLINE DIMENSIONS
0.60±0.15
(0.024±0.006)
4.00 (0.16)
5.20 (0.21)
10.65 - 11.65
(0.419 - 0.459)
12.95
(0.51)
3.80
(0.15)
15.70 (0.62)
Unless otherwise stated all
dimensions in mm (inches)
±0.25 (0.01).
Tube length: 500±2 (19.7±0.08)
Tube quantity: 50
Tube material: Antistatic coated
clear PVC.
TOP VIEW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com