Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCTC2425 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # MCTC2425
Description  Microprocessor based temperature controller / SSR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

MCTC2425 Datasheet(HTML) 2 Page - Crydom Inc.,

  MCTC2425 Datasheet HTML 1Page - Crydom Inc., MCTC2425 Datasheet HTML 2Page - Crydom Inc., MCTC2425 Datasheet HTML 3Page - Crydom Inc., MCTC2425 Datasheet HTML 4Page - Crydom Inc., MCTC2425 Datasheet HTML 5Page - Crydom Inc., MCTC2425 Datasheet HTML 6Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INPUT SPECIFICATIONS (1)
Description
DC Control
P1 Voltage Supply Range (VDC)
8-32
P1 Supply Current Range [mA] (2)
28-30
Control Nominal Input Impedance [Ohms] [P3]
30K
Control Must Operate Voltage "On"[VDC][P3]
5-32
Control Must Release Voltage "Off" [VDC][P3]
0-4
Control Input Current [mA][P3]
0-1.25
PLVI Range Option A [VDC][P4] (3)
0.8-5
PLVI Range Option B [VDC][P4] (3)
1-7
PLVI Range Option C [VDC][P4] (3)
2-10
PLVI Range Option D [VDC][P4] (3)
4-20
Nominal Input Impedance Option A,B,C[ohms][P4]
20K
Nominal Input Impedance Option D [ohms][P4]
220
Output Voltage [VDC][P5]
5
Maximum Output Current [mA][P5]
0.1
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 V DC)
109 Ohm
Maximum Capacitance, Input/Output
10 pF
Ambient Operating Temperature Range
-20 to 80°C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
3.0 oz (86.5g)
Encapsulation
Thermally conductive Epoxy
Terminals-Power
Screws and Saddle Clamps Furnished, Unmounted
Terminals-Control
Barrier Strip Screw Terminals
Recommended Terminal Screw Torque Range:
8-32 Screws -20 in. lbs.(Screws dry without grase)
OUTPUT STATUS FUNCTIONS
Description
GREEN LED (setpoint)
RED LED (output)
Initial Logic Supply On
Flash Once
Flash Once
Operating (to 85 % of set point)
Off
On
Approaching Setpoint
Off
Variable Flashing
At Setpoint (± 5%)
On
Slow Flashing
Over Setpoint (>5%) (4)
Flashing
Off
Short-Cycle Timing ("R" suffix only)
Flash 2x Intermittently
Off
Open Thermocouple
Flash 3x Intermittently
Off
GENERAL NOTES
1) Voltages are reference to GND (Ground = 0 VDC ) P2
2) Input current may vary with –E option.
3) PLVI voltage can go up to max. supply voltage without damage.
4) Below Setpoint for “R” suffix



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com