Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30-01-R5C-AQSC Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 30-01-R5C-AQSC
Description  Technical Data Sheet POWER LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

30-01-R5C-AQSC Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  30-01-R5C-AQSC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 30-01-R5C-AQSC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 30-01-R5C-AQSC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 30-01-R5C-AQSC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 30-01-R5C-AQSC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 30-01-R5C-AQSC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2009-03-19 21:23:17.0
Technical Data Sheet
POWER LED
30-01/R5C-AQSC
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 4 of 6
Device number: DPE-0000077
Established date: 04-17-2006
Established by: Max-Chen
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Wavelength
Forward Current vs. Forward Voltage
Relative Intensity vs. Forward Current
Forward Current vs. Ambient Temp.
Relative Intensity vs. Angle
10
30
50
70
0
20
40
60
FORWARD CURRENT (mA)
0.00
0.20
0.40
0.60
0.80
1.00
1.40
1.80
2.20
2.60
3.00
1.60
2.00
2.40
2.80
3.20
FORWARD VOLTAGE (V)
0
20
40
60
80
580
600
620
640
660
680
WAVELENGTH (nm)
0.00
0.50
1.00
0
20
40
60
80 100 120 140
0
10
20
30
40
50
60
70
80
AMBIENT TEMPERATURE (C)
0
3 0
6 0
9 0
-8 0
-4 0
0
0 .0
0 .2
0 .4
0 .6
0 .8
1 .0
V ie w in g A n g le



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com