Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY54020R Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY54020R
Description  Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps, 2.5GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY54020R Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY54020R Datasheet HTML 1Page - Micrel Semiconductor SY54020R Datasheet HTML 2Page - Micrel Semiconductor SY54020R Datasheet HTML 3Page - Micrel Semiconductor SY54020R Datasheet HTML 4Page - Micrel Semiconductor SY54020R Datasheet HTML 5Page - Micrel Semiconductor SY54020R Datasheet HTML 6Page - Micrel Semiconductor SY54020R Datasheet HTML 7Page - Micrel Semiconductor SY54020R Datasheet HTML 8Page - Micrel Semiconductor SY54020R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
SY54020R
April 2009
3
M9999-041409-A
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Function
2,3
IN, /IN
Differential Input: This input pair is the differential signal input to the device. It
accepts differential signals as small as 100mV (200mVPP). Each input pin internally
terminates with 50
Ω to the VT pin. If the input swing falls below a certain threshold
(typical 30mV), the Fail-Safe Input (FSI) feature will guarantee a stable output by
latching the output to its last valid state. Please refer to the “Interface Applications”
section for more details.
1
VT
Input Termination Center-Tap: Each side of the differential input pair terminates to
VT pin. This pin provides a center-tap to a termination network for maximum
interface flexibility. An internal high impedance resistor divider biases VT to allow
input AC coupling. For AC coupling, bypass VT with 0.1µF low ESR capacitor to
VCC. See “Interface Applications” subsection and Figure 2a.
4
/EN
Single-ended TTL/CMOS-compatible input functions as a synchronous output
enable. The synchronous enable ensures that enable/disable will only occur when
the outputs are in a logic LOW state. The input -switching threshold is Vcc/2. Note
that this input is internally connected to a 25k
Ω pull-down resistor and will default to
a logic LOW state (Enabled) if left open. Outputs are disabled when /EN is high.
See Figure 1b for more details.
16
VCC
Positive Power Supply: Bypass with 0.1µF//0.01µF low ESR capacitors as close to
the VCC pin as possible. Supplies input and core circuitry.
8,13
VCCO
Output Supply: Bypass with 0.1µF//0.01µF low ESR capacitors as close to the VCCO
pin as possible. Supplies the output buffers.
5
GND,
Exposed pad
Ground: Exposed pad must be connected to a ground plane that is the same
potential as the ground pin.
15,14
12,11
10,9
7,6
Q0, /Q0
Q1, /Q1
Q2, /Q2
Q3, /Q3
CML Differential Output Pairs: Differential buffered copy of the input signal. The
output swing is typically 380mV. See “Interface Applications” subsection for
termination information.
Truth Table
IN
/IN
/EN
Q
/Q
0
1
0
0
1
1
0
0
1
0
X
X
1
0
(1)
1
(1)
Note:
1. See timing diagram, Figure 1b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com