Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1466D Datasheet(PDF) 11 Page - Clare, Inc.

Part # CPC1466D
Description  Broadband ADSL/VDSL DC Termination IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1466D Datasheet(HTML) 11 Page - Clare, Inc.

Back Button CPC1466D Datasheet HTML 7Page - Clare, Inc. CPC1466D Datasheet HTML 8Page - Clare, Inc. CPC1466D Datasheet HTML 9Page - Clare, Inc. CPC1466D Datasheet HTML 10Page - Clare, Inc. CPC1466D Datasheet HTML 11Page - Clare, Inc. CPC1466D Datasheet HTML 12Page - Clare, Inc. CPC1466D Datasheet HTML 13Page - Clare, Inc. CPC1466D Datasheet HTML 14Page - Clare, Inc. CPC1466D Datasheet HTML 15Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
R00B
www.clare.com
11
excellent means of indicating loop availability for
designs with a full time sealing current requirement. In
addition, for pulsed sealing current loops, the status
from this detector when used in conjuntion with the
timing of modem retraining events can be used as an
indicator to determine if the sealing current event is
clearing line impairments.
2.6 On-State Behavior
2.6.1 Typical Conditions
On-state sealing current levels are determined by the
network’s power feed circuit and the loop’s dc
impedance. To compensate for low loop resistance or
very high loop voltage, the CPC1466 limits the
maximum sealing current to 70 mA.
The CPC1466 manages package power dissipation
by shunting excess sealing current through the 2.2 k
Ω
4W power resistor located between the PR+ and PR-
pins.
2.6.2 Over-Voltage Conditions
Potentials in excess of 100 V applied to the tip and
ring interface will cause the CPC1466 to disable the
sealing current hold circuit and enter a standby state
with very little current draw. Once the over-voltage
condition is removed, the CPC1466 automatically
resumes normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com