Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1560 Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC1560
Description  Solid State Relay with Integrated Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1560 Datasheet(HTML) 6 Page - Clare, Inc.

Back Button CPC1560 Datasheet HTML 2Page - Clare, Inc. CPC1560 Datasheet HTML 3Page - Clare, Inc. CPC1560 Datasheet HTML 4Page - Clare, Inc. CPC1560 Datasheet HTML 5Page - Clare, Inc. CPC1560 Datasheet HTML 6Page - Clare, Inc. CPC1560 Datasheet HTML 7Page - Clare, Inc. CPC1560 Datasheet HTML 8Page - Clare, Inc. CPC1560 Datasheet HTML 9Page - Clare, Inc. CPC1560 Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CPC1560
6
PRELIMINARY
R00F
1.10 Performance Data
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
12
CPC1560
Typical On-Resistance vs. Temperature
(AC/DC Configuration)
(I
F=5mA, IL=100mA)
Temperature (ºC)
-40
-20
0
204060
80
100
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
CPC1560
Typical On-Resistance vs. Temperature
(DC-Only Configuration)
(I
F=5mA, IL=100mA)
Temperature (ºC)
-40
-20
0
204060
80
100
0.5
0.6
0.7
0.8
0.9
1.0
1.1
CPC1560
Maximum Allowed Load Current
vs. Temperature
(DC-Only Configuration)
I
F=10mA
I
F=2.5mA
I
F=5mA
Temperature (ºC)
-40
-20
0
204060
80
100
150
200
250
300
350
400
CPC1560
Maximum Allowed Load Current
vs. Temperature
(AC/DC Configuration)
I
F=10mA
I
F=2.5mA
I
F=5mA
Temperature (ºC)
-40
-20
0
204060
80
100
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
CPC1560
DC Current Limit vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
204060
80
100
450
500
550
600
650
700
750
800
850
CPC1560
AC Positive Current Limit
vs. Temperature
I
F=10mA
I
F=2.5mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
450
500
550
600
650
700
750
800
850
900
CPC1560
AC Negative Current Limit
vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
204060
80
100
80
82
84
86
88
90
CPC1560
Blocking Voltage vs. Temperature
V
L (VDC)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
100
200
300
400
500
600
CPC1560
Load Current vs. Load Voltage
(DC-Only Configuration)
(I
F=5mA)
V
L (VAC)
-1.0 -0.8 -0.6 -0.4 -0.2 0.0 0.2 0.4 0.6 0.8 1.0
-300
-200
-100
0
100
200
300
CPC1560
Load Current vs. Load Voltage
(AC/DC Configuration)
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.10
1.15
1.20
1.25
1.30
1.35
1.40
CPC1560
LED Forward Voltage vs. Temperature
I
F=10mA
I
F=2.5mA
I
F=5mA
Temperature (ºC)
-40
-20
0
204060
80
100
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
CPC1560
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mA)
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not
indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com