Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1465M Datasheet(PDF) 11 Page - Clare, Inc.

Part # CPC1465M
Description  SHDSL/ISDN DC Termination IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1465M Datasheet(HTML) 11 Page - Clare, Inc.

Back Button CPC1465M Datasheet HTML 7Page - Clare, Inc. CPC1465M Datasheet HTML 8Page - Clare, Inc. CPC1465M Datasheet HTML 9Page - Clare, Inc. CPC1465M Datasheet HTML 10Page - Clare, Inc. CPC1465M Datasheet HTML 11Page - Clare, Inc. CPC1465M Datasheet HTML 12Page - Clare, Inc. CPC1465M Datasheet HTML 13Page - Clare, Inc. CPC1465M Datasheet HTML 14Page - Clare, Inc. CPC1465M Datasheet HTML 15Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
R02
www.clare.com
11
2.5 Photo-Diode (PD) Output Behavior
Output from the PD pin provides a minimum of 0.2 mA
of photo-diode drive current for the opto-coupler LED
anytime sealing current exceeds 1 mA.
Because LED current is interrupted whenever loop
current is interrupted, the opto-coupler provides an
excellent means of indicating loop availability for
designs with a sealing current requirement.
2.6 On-State Behavior
2.6.1 Typical Conditions
On-state sealing current levels are determined by the
network’s power feed circuit and the loop’s dc
impedance. To compensate for low loop resistance or
very high loop voltage, the CPC1465 limits the
maximum sealing current to 70 mA.
The CPC1465 manages package power dissipation
by shunting excess sealing current through the 2.2 k
Ω
4W power resistor located between the PR+ and PR-
pins.
2.6.2 Over-Voltage Conditions
Potentials in excess of 100 V applied to the tip and
ring interface will cause the CPC1465 to disable the
sealing current hold circuit and enter a standby state
with very little current draw. Once the over-voltage
condition is removed, the CPC1465 automatically
resumes normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com