Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS29 Datasheet(PDF) 4 Page - Hongfa Technology

Part # HFS29
Description  IGBT MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS29 Datasheet(HTML) 4 Page - Hongfa Technology

  HFS29 Datasheet HTML 1Page - Hongfa Technology HFS29 Datasheet HTML 2Page - Hongfa Technology HFS29 Datasheet HTML 3Page - Hongfa Technology HFS29 Datasheet HTML 4Page - Hongfa Technology HFS29 Datasheet HTML 5Page - Hongfa Technology HFS29 Datasheet HTML 6Page - Hongfa Technology HFS29 Datasheet HTML 7Page - Hongfa Technology HFS29 Datasheet HTML 8Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
93
9>7E79G;E?FG?9 9HEI;F
633
583
533
483
433
83
3
34
6
5
58
458
VGE@48V
Cjgg`^ojm0`hdoo`m qjgo\b`,VCE- VS ^jgg`^ojm ^pmm`io,I^-
VCEZV[
3
VCE@53V
58
458
VGEZV[
Ttk1 om\ina`m ^c\m\^o`mdnod^
TJ@458
VGE@x48V
IC@483A
VCC@933V
L@93iH
Eji
Ejaa
93
83
73
63
53
43
3
343
53
63
73
83
93
:3
RGZjch[
Ttk1 opmi jaa `i`mbt \i_ nrdo^cdib odh`n q`mnpn b\o` m`ndnojm
G\o` ^c\mb` ^pmq`
53
48
43
8
3
3
314
315
316
317
318
319
31:
VCC@933V
VCC@;33V
TJ@58
IC@483A
4:3
C\n` o`hk`m\opm`,T^-VS ^jgg`^ojm ^pmm`io,I^-
3 4 5 6 7 8 9 : ; < 43 44 45 46
QGZC[
T^Z [
633
583
533
483
433
83
483
463
443
<3
:3
83
63
43
3 43 53 63 73 83 93 :3 ;3 <3 433 443453463 473 483
VGE@48V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com