Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1045 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBR1045
Description  SCHOTTKY BARRIER RECTIFIERS 10 AMPERES 20 to 45 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR1045 Datasheet(HTML) 2 Page - Motorola, Inc

  MBR1045 Datasheet HTML 1Page - Motorola, Inc MBR1045 Datasheet HTML 2Page - Motorola, Inc MBR1045 Datasheet HTML 3Page - Motorola, Inc MBR1045 Datasheet HTML 4Page - Motorola, Inc MBR1045 Datasheet HTML 5Page - Motorola, Inc MBR1045 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR1035 MBR1045
2
Rectifier Device Data
Figure 1. Maximum Forward Voltage
1.2
vF, INSTANTANEOUS VOLTAGE (VOLTS)
100
70
5.0
10
3.0
5.0
15
0
VR, REVERSE VOLTAGE (VOLTS)
10
1.0
0.1
0.01
0.001
NUMBER OF CYCLES AT 60 Hz
10
1.0
200
100
50
30
20
3.0
10
1.0
0.6
0.2
0.4
0.8
1.0
1.4
20
30
25
100
2.0
100
70
2.0
20
0.1
0.5
0.7
30
7.0
0.3
50
35
40
50
45
TJ = 150°C
Figure 2. Typical Forward Voltage
Figure 3. Maximum Reverse Current
Figure 4. Maximum Surge Capability
7.0
5.0
30
20
70
50
TJ = 150°C
125
°C
100
°C
75
°C
25
°C
0.2
1.2
vF, INSTANTANEOUS VOLTAGE (VOLTS)
100
70
5.0
10
3.0
1.0
0.6
0.2
0.4
0.8
1.0
1.4
2.0
20
0.1
0.5
0.7
30
7.0
0.3
50
TJ = 150°C
0.2
100
°C
25
°C
100
°C
25
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com