Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1788 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1788
Description  ISOPLUS??264 DC Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1788 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1788 Datasheet HTML 1Page - Clare, Inc. CPC1788 Datasheet HTML 2Page - Clare, Inc. CPC1788 Datasheet HTML 3Page - Clare, Inc. CPC1788 Datasheet HTML 4Page - Clare, Inc. CPC1788 Datasheet HTML 5Page - Clare, Inc. CPC1788 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
CPC1788
R02
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
35
30
25
20
15
10
5
0
1.30
1.31
1.32
1.33
1.34
LED Forward Voltage (V)
CPC1788
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IF=10mA)
35
30
25
20
15
10
5
0
0.900
0.925
0.950
0.975
1.000
1.025
CPC1788
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
On-Resistance (
Ω)
35
30
25
20
15
10
5
0
2.15
2.50
2.85
3.55
3.20
3.90
Turn-On (ms)
CPC1788
Typical Turn-On Time
(N=50, T
A=25ºC, IL=1ADC, IF=20mA)
0.080
0.110
0.140
0.065
0.095
0.125
Turn-Off (ms)
25
20
15
10
5
0
CPC1788
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=1ADC, IF=20mA)
Temperature (ºC)
0
20
40
60
80
100
0
1
2
3
4
5
6
CPC1788
Maximum Load Current vs. Temperature
(With Heat Sink)
1ºC/W
Free Air
10ºC/W
5ºC/W
-40
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
CPC1788
Typical Leakage vs. Temperature
at Maximum Rated Voltage
(Measured Across Pins 1 & 2)
Temperature (ºC)
-40
1160
1140
1120
1100
1080
1060
1040
1020
1000
-20
0
20
40
60
80
100
CPC1788
Blocking Voltage vs. Temperature
Temperature (ºC)
-40
7
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
CPC1788
Typical Turn-On vs. Temperature
(I
L=250mADC)
Temperature (ºC)
I
F=10mA
I
F=20mA
-40
0.24
0.21
0.18
0.15
0.12
0.09
0.06
0.06
-20
0
20
40
60
80
100
CPC1788
Typical Turn-Off vs. Temperature
(I
L=250mADC)
Temperature (ºC)
I
F=20mA
I
F=10mA
CPC1788
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
Temperature (ºC)
I
F=50mA
I
F=10mA
I
F=20mA
LED Forward Current (mA)
0
5
1015202530354045
50
12
11
10
9
8
7
6
5
4
3
2
1
0
CPC1788
Typical Turn-On vs. LED Forward Current
(I
L=250mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.145
0.140
0.135
0.130
0.125
0.120
0.115
0.110
0.105
0.100
50
CPC1788
Typical Turn-Off vs. LED Forward Current
(I
L=250mADC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com