Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC2014N Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC2014N
Description  8-Pin SOIC Dual OptoMOS짰 Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC2014N Datasheet(HTML) 1 Page - Clare, Inc.

  CPC2014N Datasheet HTML 1Page - Clare, Inc. CPC2014N Datasheet HTML 2Page - Clare, Inc. CPC2014N Datasheet HTML 3Page - Clare, Inc. CPC2014N Datasheet HTML 4Page - Clare, Inc. CPC2014N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-CPC2014N-R01
1
CPC2014N
8-Pin SOIC Dual OptoMOS® Relay
RoHS
2002/95/EC
e3
Pb
Part #
Description
CPC2014N
8-Pin SOIC (50/tube)
CPC2014NTR
8-Pin SOIC (2000/reel)
Parameter
Rating
Units
Blocking Voltage
60
V
P
Load Current
400
mA
Max On-resistance
2
Ω
LED Current to operate
2
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Security
• Passive Infrared Detectors (PIR)
• Data Signalling
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls
• Designed for use in security systems complying
with EN50130-4
• Small 8-Pin SOIC Package
• TTL/CMOS Compatible input
• Arc-Free With No Snubbing Circuits
• 1500V
rms Input/Output Isolation
• No EMI/RFI Generation
• Immune to radiated EM fields
• SMD Pick & Place, Wave Solderable
• Tape & Reel Version Available
The CPC2014N is a miniature device with two
independent Form-A solid state relays in an
8-Pin SOIC package that employs optically coupled
MOSFET technology to provide 1500V
rms of
input/output isolation. The super efficient MOSFET
switches and photovoltaic die use Clare’s patented
OptoMOS architecture. The optically coupled outputs
are controlled by highly efficient GaAlAs infrared
LEDs. The CPC2014N uses Clare’s state of the
art, double-molded vertical construction packaging
to produce one of the world’s smallest relays. The
CPC2014N offers substantial board space savings
over the competitor’s larger 8-Pin SOIC relay.
Switching Characteristics of
Normally Open (Form A) Devices
Control
I
LOAD
10%
90%
t
ON
+
+
t
OFF
Approvals
• UL Recognized Component: Pending
• EN/IEC 60950-1: Pending
• CSA Certified Component: Pending
+ Control
– Control
Load
Load
1
2
3
4
7
8
5
6
+ Control
– Control
Load
Load


Similar Part No. - CPC2014N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC2014N IXYS-CPC2014N Datasheet
123Kb / 6P
60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
CPC2014NTR IXYS-CPC2014NTR Datasheet
123Kb / 6P
60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
More results

Similar Description - CPC2014N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1117N CLARE-CPC1117N_1 Datasheet
111Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
8-Pin Dual SOIC OptoMOS짰 Relay
CPC1150N CLARE-CPC1150N_1 Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1230N CLARE-CPC1230N_1 Datasheet
112Kb / 5P
4 Pin SOP OptoMOS짰 Relay
logo
IXYS Corporation
CPC2017N IXYS-CPC2017N Datasheet
115Kb / 6P
Dual Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC2025N IXYS-CPC2025N Datasheet
115Kb / 6P
Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC2125N IXYS-CPC2125N Datasheet
118Kb / 6P
Dual Single-Pole, Normally Closed 8-Pin SOIC OptoMOS짰 Relay
CPC2317N IXYS-CPC2317N Datasheet
126Kb / 7P
Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
CPC2330N IXYS-CPC2330N Datasheet
140Kb / 8P
Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
CPC2030N IXYS-CPC2030N Datasheet
118Kb / 6P
Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com