Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9UMS9633B Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS9UMS9633B
Description  ULTRA MOBILE PC/MOBILE INTERNET DEVICE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9UMS9633B Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS9UMS9633B Datasheet HTML 9Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 10Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 11Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 12Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 13Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 14Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 15Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 16Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
IDTTM/ICSTM Ultra Mobile PC/Mobile Internet Device
1423—01/20/09
ICS9UMS9633B
ULTRA MOBILE PC/MOBILE INTERNET DEVICE
13
Advance Information
Byte
0
PLL & Divider Enable Register
Bit(s)
Pin #
Name
Description
Type
0
1
Default
7
-
PLL1 Enable
This bit controls whether the PLL driving the CPU
and SRC clocks is enabled or not.
RW
0 = Disabled
1 = Enabled
1
6
-
PLL2 Enable
This bit controls whether the PLL driving the DOT
and clock is enabled or not.
RW
0 = Disabled
1 = Enabled
1
5
-
PLL3 Enable
This bit controls whether the PLL driving the LCD
clock is enabled or not.
RW
0 = Disabled
1 = Enabled
1
4-
0
3
-
CPU Divider Enable
This bit controls whether the CPU output divider is
enabled or not.
NOTE: This bit should be automatically set to ‘0’ if
bit 7 is set to ‘0’.
RW
0 = Disabled
1 = Enabled
1
2-
SRC Output Divider
Enable
This bit controls whether the SRC output divider is
enabled or not.
NOTE: This bit should be automatically set to ‘0’ if
bit 7 is set to ‘0’.
RW
0 = Disabled
1 = Enabled
1
1-
LCD Output Divider
Enable
This bit controls whether the LCD output divider is
enabled or not.
NOTE: This bit should be automatically set to ‘0’ if
bit 5 is set to ‘0’.
RW
0 = Disabled
1 = Enabled
1
0-
DOT Output Divider
Enable
This bit controls whether the DOT output divider is
enabled or not.
NOTE: This bit should be automatically set to ‘0’ if
bit 6 is set to ‘0’.
RW
0 = Disabled
1 = Enabled
1
Byte
1
PLL SS Enable/Control Register
Bit(s)
Pin #
Name
Description
Type
0
1
Default
7
PLL1 SS Enable
This bit controls whether PLL1 has spread enabled
or not. Spread spectrum for PLL1 is set at -0.5%
down-spread. Note that PLL1 drives the CPU and
SRC clocks.
RW
0 = Disabled
1 = Enabled
1
6
PLL3 SS Enable
This bit controls whether PLL3 has spread enabled
or not. Note that PLL3 drives the SSC clock, and
that the spread spectrum amount is set in bits 3-5.
RW
0 = Disabled
1 = Enabled
1
5
0
4
0
3
0
2
0
1
0
0
0
Reserved
Reserved
Reserved
Reserved
See Table 2: LCD Spread
Select Table
PLL3 FS Select
These 3 bits select the frequency of PLL3 and the
SSC clock when Byte 1 Bit 6 (PLL3 Spread
Spectrum Enable) is set.
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com