Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS74HC164 Datasheet(PDF) 2 Page - Wing Shing Computer Components

Part # WS74HC164
Description  8-Bit Serial-in/Parallel-out Shift Register
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

WS74HC164 Datasheet(HTML) 2 Page - Wing Shing Computer Components

  WS74HC164 Datasheet HTML 1Page - Wing Shing Computer Components WS74HC164 Datasheet HTML 2Page - Wing Shing Computer Components WS74HC164 Datasheet HTML 3Page - Wing Shing Computer Components WS74HC164 Datasheet HTML 4Page - Wing Shing Computer Components WS74HC164 Datasheet HTML 5Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
2. Logic Waveform
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
DC supply voltage (Vcc)
- 0.5 ~ + 7.0
V
DC input or output Voltage (VIN, VOUT)
-0.5 to Vcc +0.5
V
DC Current Drain per pin, any output (Iout)
±25
mA
DC Current Vcc or GND (Icc)
±50
mA
Storage Temperature( TSTG)
-65 ~ +150
℃
Power Dissipation (PD )
500
mW
Note 1:
Absolute maximum ratings are those values beyond which the safety of the device cannot be
guaranteed.
RECOMMENDED OPERATING CONDITIONS
Parameter
Min.
Typ.
Max.
Unit
DC Supply Voltage (Vcc)
2
5
6
V
Input / output Voltage (VIN, VOUT)
0
Vcc
V
Vcc = 2 V
1.5
Vcc = 4.5 V
3.15
VIH High-level Input Voltage
Vcc = 6 V
4.2
V
Vcc = 2 V
0.5
Vcc = 4.5 V
1.35
VIL Low-level Input Voltage
Vcc = 6 V
1.8
V
Vcc = 2 V
1000
Vcc = 4.5 V
500
Input Rise/Fall Times (tr/tf)
Vcc = 6 V
400
ns
74HC164
-40
+85
℃
Operating Temperature (TA)
Note 2:
All unused inputs of the device must be held at Vcc or GND to ensure proper device operation.
CL
A
B
CK
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
CLEAR
CLEAR
SERIAL
INPUTS
OUTPUTS
WS74HC164



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com