Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP2C-220-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # UP2C-220-R
Description  Miniature surface mount design with rugged case to eliminate core breakage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

UP2C-220-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  UP2C-220-R Datasheet HTML 1Page - Cooper Bussmann, Inc. UP2C-220-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Miniature surface mount design with rugged
case to eliminate core breakage
• Inductance range from 0.470uH to 1000uH
• Current range up to 18.6 Amps peak
• Meets UL94V-0 flammability standard
• Ferrite core material
Applications
• PDA, computer, and flash memory programs
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating ambient temperature range: -40°C to +85°C
(range is application specific)
• Solder reflow temperature: +260°C max. for 10 seconds
max.
Packaging
• Supplied in tape and reel packaging, 900 per reel
Part
Inductance
OCL(1)
I RMS(2)
I SAT(3)
DCR(4)
Volts(5)
Number
µH
µH±20%
Amperes
Amperes
m
µS
(rated)
typ.
(typ)
UP2C-R47-R
0.470
0.48
12.2
18.6
2.5
4.15
UP2C-1R0-R
1.0
1.03
9.80
11.8
3.9
7.0
UP2C-1R5-R
1.5
1.45
8.10
10.0
5.6
8.3
UP2C-2R2-R
2.2
2.00
7.50
8.67
6.6
9.6
UP2C-3R3-R
3.3
3.30
5.90
6.84
10.5
12.1
UP2C-4R7-R
4.7
4.41
5.62
6.20
11.7
13.4
UP2C-6R8-R
6.8
7.16
4.42
4.82
18.0
17.3
UP2C-100-R
10.0
10.56
3.61
3.94
28.3
21.1
UP2C-150-R
15.0
15.97
3.17
3.17
36.9
26.2
UP2C-220-R
22.0
22.33
2.61
2.65
54.0
31.3
UP2C-330-R
33.0
32.11
2.16
2.20
79.7
37.7
UP2C-470-R
47.0
47.90
1.77
1.83
118.5
45.4
UP2C-680-R
68.0
65.03
1.57
1.53
151.7
54.3
UP2C-101-R
100.0
97.85
1.26
1.24
233.1
67.1
UP2C-151-R
150.0
141.9
1.04
1.02
351.4
81.2
UP2C-221-R
220.0
207.8
0.82
0.85
545.0
97.8
UP2C-331-R
330.0
318.2
0.67
0.70
824.3
120
UP2C-471-R
470.0
470.8
0.56
0.58
1191.4
144
UP2C-681-R
680.0
689.7
0.46
0.48
1774.2
173
UP2C-102-R
1000.0
1080.0
0.38
0.40
2657.1
209
Notes: (1) Open Circuit Inductance Test Parameters: 100KHz, .250Vrms, 0.0Adc.
(2) RMS current for an approximate
∆T of 40°C without core loss, at an
ambient temperature of 85˚C.
(3) Peak current for approximately 30% rolloff @ 20°C.
(4) DCR limits 20°C.
(5) Applied volt-time product (V-uS) across the inductor. This value
represents the applied v-us at 300KHz necessary to generate a core
loss equal to 10% of the total losses for a 40° temperature rise.
UNI-PAC™ 2C
Low Cost Power Inductors
(Surface Mount)
Mechanical Diagrams
9.40
Max.
12.90
Max.
TOP VIEW
1
2
5.2
FRONT VIEW
SIDE VIEW
3.0ref
2.5max*
see note A
COMPONENT VIEW
PCB PAD LAYOUT
7.37
2.79
2.92
2
1
SCHEMATIC
Dimensions in Millimeters.
wwllyy = (date code) R = revision level
xxx = Inductance value per family chart
(A) 2.5mm max is width of copper at seating plane. The width above the seating
plane may exceed 2.5mm.
RoHS
2002/95/EC


Similar Part No. - UP2C-220-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
UP2C-220-R EATON-UP2C-220-R Datasheet
346Kb / 4P
UNI-PAC??drum core power inductors
More results

Similar Description - UP2C-220-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
UP1B-R47-R COOPER-UP1B-R47-R Datasheet
889Kb / 7P
Miniature surface mount design
UP2B-220 COOPER-UP2B-220 Datasheet
512Kb / 8P
Miniature surface mount design
logo
XP Power Limited
MCS XPPOWER-MCS Datasheet
394Kb / 2P
Rugged Desktop Design
logo
PHOENIX CONTACT
CUTFOX-18 PHOENIX-CUTFOX-18 Datasheet
49Kb / 2P
Ergonomic handle design to eliminate fatigue when working
UNIFOX-CE-VDE PHOENIX-UNIFOX-CE-VDE Datasheet
51Kb / 2P
Ergonomic handle design to eliminate fatigue when working
UNIFOX-CE-VDE-DB PHOENIX-UNIFOX-CE-VDE-DB Datasheet
54Kb / 2P
Ergonomic handle design to eliminate fatigue when working
UNIFOX-F-VDE-DB PHOENIX-UNIFOX-F-VDE-DB Datasheet
53Kb / 2P
Ergonomic handle design to eliminate fatigue when working
UNIFOX-R-VDE-DB PHOENIX-UNIFOX-R-VDE-DB Datasheet
52Kb / 2P
Ergonomic handle design to eliminate fatigue when working
UNIFOX-WP PHOENIX-UNIFOX-WP Datasheet
45Kb / 2P
Ergonomic handle design to eliminate fatigue when working
UNIFOX-WRENCH PHOENIX-UNIFOX-WRENCH Datasheet
42Kb / 2P
Ergonomic handle design to eliminate fatigue when working
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com