Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP1-0190-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # VP1-0190-R
Description  Inductors and Transformers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

VP1-0190-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  VP1-0190-R Datasheet HTML 1Page - Cooper Bussmann, Inc. VP1-0190-R Datasheet HTML 2Page - Cooper Bussmann, Inc. VP1-0190-R Datasheet HTML 3Page - Cooper Bussmann, Inc. VP1-0190-R Datasheet HTML 4Page - Cooper Bussmann, Inc. VP1-0190-R Datasheet HTML 5Page - Cooper Bussmann, Inc. VP1-0190-R Datasheet HTML 6Page - Cooper Bussmann, Inc. VP1-0190-R Datasheet HTML 7Page - Cooper Bussmann, Inc. VP1-0190-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Mechanical Diagrams
VP2 and VPH2
VP1 and VPH1
TOP VIEW
RECOMMENDED PCB LAYOUT
WHITE DOT
PIN #1
D
(12 PLCS)
LOGO (OPTIONAL)
B
C
A
12
7
6
1
J
N
M
COMPONENT
SIDE
1
12
6
7
L
(12PLCS)
K
(12PLCS)
0
(10PLCS)
P
(10PLCS)
4
1
5
2
6
8
12
7
11
10
9
3
1:1:1:1:1:1
FRONT VIEW
I
(12 PLCS)
H
G
(2 PLCS)
WWLLYY R
E
F
TOP VIEW
RECOMMENDED PCB LAYOUT
WHITE DOT
PIN #1
D
(12 PLCS)
LOGO (OPTIONAL)
B
C
A
12
7
6
1
J
N
M
COMPONENT
SIDE
1
12
6
7
L
(12PLCS)
K
(12PLCS)
0
(10PLCS)
P
(10PLCS)
4
1
5
2
6
8
12
7
11
10
9
3
1:1:1:1:1:1
FRONT VIEW
I
(12 PLCS)
H
G
(2 PLCS)
WWLLYY R
E
F
NOTES
1) Tolerances A - I are ± 0.25 mm
unless specified otherwise.
2) Tolerances J - P are +/- 0.1 mm
unless specified otherwise.
3) Marking as shown
a) Dot for pin #1 identification
b) On top of unit: -- VPHx-xxx
(product code, size,
4 digit part number per family
table.)
c) On top of unit: Versa Pac
Logo (optional)
d) On bottom of unit: wwllyy =
(date code) R = (revision
level)
4) All soldering surfaces must be
coplanar within 0.102 mm.
ABCD
E
F
G
H
I
J
K
LM
N
O
P
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
max
ref
max
ref
ref
max
ref
ref
ref
ref
ref
max
VP1 and VPH1
12.9
9.2
13.0
0.7
5.9
6.2
1.5
0.1
0.25
11.5
1.5
2.25
9.7
14.2
2.0
0.5
TOP VIEW
RECOMMENDED PCB LAYOUT
WHITE DOT
PIN #1
D
(12 PLCS)
LOGO (OPTIONAL)
B
C
A
12
7
6
1
J
N
M
COMPONENT
SIDE
1
12
6
7
L
(12PLCS)
K
(12PLCS)
0
(10PLCS)
P
(10PLCS)
4
1
5
2
6
8
12
7
11
10
9
3
1:1:1:1:1:1
FRONT VIEW
I
(12 PLCS)
H
G
(2 PLCS)
WWLLYY R
E
F
TOP VIEW
RECOMMENDED PCB LAYOUT
WHITE DOT
PIN #1
D
(12 PLCS)
LOGO (OPTIONAL)
B
C
A
12
7
6
1
J
N
M
COMPONENT
SIDE
1
12
6
7
L
(12PLCS)
K
(12PLCS)
0
(10PLCS)
P
(10PLCS)
4
1
5
2
6
8
12
7
11
10
9
3
1:1:1:1:1:1
FRONT VIEW
I
(12 PLCS)
H
G
(2 PLCS)
WWLLYY R
E
F
NOTES
1) Tolerances A - I are ± 0.25 mm
unless specified otherwise.
2) Tolerances J - P are +/- 0.1 mm
unless specified otherwise.
3) Marking as shown
a) Dot for pin #1 identification
b) On top of unit: -- VPHx-xxx
(product code, size,
4 digit part number per family
table.)
c) On top of unit: Versa Pac
Logo (optional)
d) On bottom of unit: wwllyy =
(date code) R = (revision
level)
4) All soldering surfaces must be
coplanar within 0.102 mm.
A
B
C
D
E
F
G
H
IJ
K
L
M
N
O
P
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
max
ref
max
ref
ref
max
ref
ref
ref
ref
ref
max
VP2 and VPH2
16.3
12.0
16.8
0.7
6.7
7.8
2.0
0.1
0.30
14.25
1.75
2.5
13.0
18.0
2.5
0.75
®
VERSA-PAC®
Inductors and Transformers
(Surface Mount)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com