Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

330VUVC Datasheet(PDF) 2 Page - HB Electronic Components

Part # 330VUVC
Description  LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

330VUVC Datasheet(HTML) 2 Page - HB Electronic Components

  330VUVC Datasheet HTML 1Page - HB Electronic Components 330VUVC Datasheet HTML 2Page - HB Electronic Components 330VUVC Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page: 2 of 3
Absolute maximum ratings
Ta = 25
Value
Parameter
Symbol
Test
Condition
Min.
Max.
Unit
Reverse Voltage
VR
IR = 30
­A
5
--
V
Forward Current
IF
----
30
mA
Power Dissipation
Pd
----
----
105
mW
Pulse Current
Ipeak
Duty=0.1mS
1kHz
----
100
mA
Operating Temperature
Topr
----
-20
+85
Storage
Temperature
Tstr
----
-25
+100
Electrical and optical characteristics
Ta = 25
Value
Parameter
Symbol
Test
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20mA
3.0
3.7
4.0
V
Reverse Current
IR
VR = 5V
----
----
30
­A
Dominate Wavelength
¬d
IF = 20mA
400
---
405
nm
Spectral Line half-width
¬
IF = 20mA
----
25
----
nm
Radiant Flux
IV
IF = 20mA
----
12
----
mW
Viewing Angle
2
©1/2
IF = 20mA
28
35
Deg.
3
330VUV0C
/('63(&,),&$7,21



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com