Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1356 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # ZXLD1356
Description  High accuracy 550mA, 60V LED driver with internal switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button ZXLD1356 Datasheet HTML 9Page - Diodes Incorporated ZXLD1356 Datasheet HTML 10Page - Diodes Incorporated ZXLD1356 Datasheet HTML 11Page - Diodes Incorporated ZXLD1356 Datasheet HTML 12Page - Diodes Incorporated ZXLD1356 Datasheet HTML 13Page - Diodes Incorporated ZXLD1356 Datasheet HTML 14Page - Diodes Incorporated ZXLD1356 Datasheet HTML 15Page - Diodes Incorporated ZXLD1356 Datasheet HTML 16Page - Diodes Incorporated ZXLD1356 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ZXLD1356
Issue 2 - September 2008
13
www.zetex.com
© Diodes Incorporated 2008
www.diodes.com
Typical operating conditions
Z X L D 1356 S w itch in g F req u e n c y
0
100
200
300
400
500
600
700
01 0
2 0
3 0
4 0
5 0
6 0
S u p p ly V o lta g e (V )
01 L E D s
03 L E D s
05 L E D s
07 L E D s
09 L E D s
11 L E D s
13 L E D s
15 L E D s
Z X L D 1356 D u ty C ycle
L=100µH
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
01 0
2 0
3 0
4 0
5 0
6 0
S u p p ly V o lta g e (V )
01 L E D s
03 L E D s
05 L E D s
07 L E D s
09 L E D s
11 L E D s
13 L E D s
15 L E D s
L=100µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com