Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP4B-4R7-R Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # UP4B-4R7-R
Description  Miniature surface mount design
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

UP4B-4R7-R Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  UP4B-4R7-R Datasheet HTML 1Page - Cooper Bussmann, Inc. UP4B-4R7-R Datasheet HTML 2Page - Cooper Bussmann, Inc. UP4B-4R7-R Datasheet HTML 3Page - Cooper Bussmann, Inc. UP4B-4R7-R Datasheet HTML 4Page - Cooper Bussmann, Inc. UP4B-4R7-R Datasheet HTML 5Page - Cooper Bussmann, Inc. UP4B-4R7-R Datasheet HTML 6Page - Cooper Bussmann, Inc. UP4B-4R7-R Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
14.3
10.7
5.1
1.5 Dia.
16.0
6.8
5.4
SECTION A-A
A
A
1.75
24
11.5
2.0
4.0
Direction of feed
Dimensions in millimeters.
1
2
UP2B Series
ACTUAL SIZE
UNI-PAC 2B
13.5
5.8
4.0
2.0
16.0
1.75
14.2
1
2
1.5 Dia.
7.7
SECTION A-A
A
A
28.4
Direction of feed
Dimensions in millimeters.
19.6
5.9
32
UP3B Series
15.3
11.1
4.0
2.0
24.0
1.75
14.2
1.5 Dia.
9.0
SECTION A-A
A
A
28.4
Direction of feed
Dimensions in millimeters.
22.3
7.2
32
1
2
UP4B Series
ACTUAL SIZE
UNI-PAC 3B
ACTUAL SIZE
UNI-PAC 4B
Packaging Information
6.4
2.3
4.0
2.0
12.0
1.75
16
7.5
1.5 Dia.
5.6
4.4
SECTION A-A
9.3
A
A
Direction of feed
Dimensions in millimeters.
1
2
UP1B Series
ACTUAL SIZE
UNI-PAC 1B
®
UNI-PAC™
Power Inductors
(Surface Mount)
Parts packaged on 13" Diameter reel,
900 parts per reel.
Parts packaged on 13" Diameter reel,
550 parts per reel.
Parts packaged on 13" Diameter reel,
450 parts per reel.
Parts packaged on 13" Diameter reel,
275 parts per reel.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com