Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPH3-0084-R Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # VPH3-0084-R
Description  Inductors and Transformers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

VPH3-0084-R Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

  VPH3-0084-R Datasheet HTML 1Page - Cooper Bussmann, Inc. VPH3-0084-R Datasheet HTML 2Page - Cooper Bussmann, Inc. VPH3-0084-R Datasheet HTML 3Page - Cooper Bussmann, Inc. VPH3-0084-R Datasheet HTML 4Page - Cooper Bussmann, Inc. VPH3-0084-R Datasheet HTML 5Page - Cooper Bussmann, Inc. VPH3-0084-R Datasheet HTML 6Page - Cooper Bussmann, Inc. VPH3-0084-R Datasheet HTML 7Page - Cooper Bussmann, Inc. VPH3-0084-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
5V to 3.3V Buck Converter With 5V Output
This circuit minimizes both board space and cost by eliminating a
second regulator.
VERSA-PAC’s gap serves to prevent core
saturation during the switch on-time and also stores energy for the
+5V load which is delivered during the flyback interval. The +3.3V
buck winding is configured by placing two windings in series while
the +5V is generated by an additional flyback winding stacked on
the 3.3V output. Extra windings are paralleled with primary
windings to handle more current. The turns ratio of 2:1 adds 1.67V
to the +3.3V during the flyback interval to achieve +5V.
+V
+5V@
1A
+3.3V@
4.2A
+
+3.3V@
12.5A
+3.3V@
6A
RTN
+V
RTN
VERSA-PAC
VP5-0083
VERSA-PAC
VP5-0083
VERSA-PAC
VP5-0083
12
11
10
9
8
7
1
12 11 10
12 3
987
45
+
+
+
6
2
3
4
5
6
LEVEL SHIFT
12,11
1,2
7
6
10,9,8
3,4,5
Synchronous
Controller
IC
Synchronous
Controller
IC
Controller
IC
W/Integral
Switch
+
+
+V
+5V@
1A
+3.3V@
4.2A
+
+3.3V@
12.5A
+3.3V@
6A
RTN
+V
RTN
VERSA-PAC
VP5-0083
VERSA-PAC
VP5-0083
VERSA-PAC
VP5-0083
12
11
10
9
8
7
1
12 11 10
12 3
987
45
+
+
+
6
2
3
4
5
6
LEVEL SHIFT
12,11
1,2
7
6
10,9,8
3,4,5
Synchronous
Controller
IC
Synchronous
Controller
IC
Controller
IC
W/Integral
Switch
+
+
3.3V Buck Converter
This circuit utilizes the gap of the VP5-0083 to handle the 12.5
Amp output current without saturating. In each of the five
VERSA-
PAC sizes, the gap is varied to achieve a selection of specific
inductance and current values (see
VERSA-PAC Data Table).
All six windings are connected in parallel to minimize AC/DC
copper losses and to maximize heat dissipation. With
VERSA-
PAC, this circuit works well at or above 300 KHz. Also, the closed
flux-path EFD geometry enables much lower radiation
characteristics than open-path bobbin core style components.
LITHIUM-ION BATTERY TO 3.3V SEPIC CONVERTER
The voltage of a Lithium-Ion Battery varies above and below
+3.3V depending on the degree of charge. The SEPIC
configuration takes advantage of
VERSA-PAC’s multiple tightly
coupled windings. This results in lower ripple current which lowers
noise and core losses substantially. The circuit does not require a
snubber to control the voltage “spike” associated with switch turn-
off, and is quite efficient due to lower RMS current in the windings.
+V
+5V@
1A
+3.3V@
4.2A
+
+3.3V@
12.5A
+3.3V@
6A
RTN
+V
RTN
VERSA-PAC
VP5-0083
VERSA-PAC
VP5-0083
VERSA-PAC
VP5-0083
12
11
10
9
8
7
1
12 11 10
12 3
987
45
+
+
+
6
2
3
4
5
6
LEVEL SHIFT
12,11
1,2
7
6
10,9,8
3,4,5
Synchronous
Controller
IC
Synchronous
Controller
IC
Controller
IC
W/Integral
Switch
+
+
Unipolar (Flyback)
Power vs Frequency
Maximum Turns
vs American Wire Gauge
Bipolar (Push-Pull)
Power vs Frequency
Frequency, kHz
American Wire Gauge
100
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
200
300
400
500
VP 5
VP 4
VP 3
VP 2
VP 1
Size 5
Size 4
Size 3
Size 2
Size 1
27
1
10
100
1000
10000
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
Frequency, kHz
100
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
200
300
400
500
VP 5
VP 4
VP 3
VP 2
VP 1
Unipolar (Flyback)
Power vs Frequency
Maximum Turns
vs American Wire Gauge
Bipolar (Push-Pull)
Power vs Frequency
Frequency, kHz
American Wire Gauge
100
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
200
300
400
500
VP 5
VP 4
VP 3
VP 2
VP 1
Size 5
Size 4
Size 3
Size 2
Size 1
27
1
10
100
1000
10000
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
Frequency, kHz
100
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
200
300
400
500
VP 5
VP 4
VP 3
VP 2
VP 1
Bipolar (Push-Pull) Power vs Frequency
Unipolar (Flyback) Power vs Frequency
VERSA-PAC® Performance Characteristics
These curves represent typical power handling capability.
Indicated power levels may not be achievable with all configurations.
®
VERSA-PAC®
Inductors and Transformers
(Surface Mount)
Visit us on the Web at www.cooperbussmann.com
1225 Broken Sound Pkwy. Suite F
Boca Raton, FL 33487
Tel: +1-561-998-4100 Toll Free: +1-888-414-2645 Fax: +1-561-241-6640
This bulletin is intended to present product design solutions and technical information that will help the end user with design applications. Cooper Electronic
Technologies reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Cooper
Electronic Technologies also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been
selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Electronic Technologies does not authorize the use of any of its products for use in life support devices or systems without the
express written approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when
properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
PM-4301 8/06
© Cooper Electronic
Technologies 2006



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com