Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP3-0055-R Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # VP3-0055-R
Description  Inductors and Transformers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

VP3-0055-R Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

  VP3-0055-R Datasheet HTML 1Page - Cooper Bussmann, Inc. VP3-0055-R Datasheet HTML 2Page - Cooper Bussmann, Inc. VP3-0055-R Datasheet HTML 3Page - Cooper Bussmann, Inc. VP3-0055-R Datasheet HTML 4Page - Cooper Bussmann, Inc. VP3-0055-R Datasheet HTML 5Page - Cooper Bussmann, Inc. VP3-0055-R Datasheet HTML 6Page - Cooper Bussmann, Inc. VP3-0055-R Datasheet HTML 7Page - Cooper Bussmann, Inc. VP3-0055-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HOW TO USE MULTIPLE WINDINGS
L
TOTAL = LBASE x S
2
= 10 µH x 2
2
= 40 µH
Where:
L
BASE = Inductance of a single winding
P = Number of windings in parallel (use 1 with all windings in series)
S = Number of windings in series
I
BASE = Maximum current rating of one winding
I
MAX
= I
BASE x P
= 1 Amp x 1
= 1 Amp
L
TOTAL = LBASE x S
2
= 10 µH x 1
2
= 10 µH
I
MAX
= I
BASE x P
= 1 Amp x 2
= 2 Amps
10
µH
1 Amp
10
µH
1 Amp
10
µH
1 Amp
Series Connected (2 Windings)
Parallel Connected (2 Windings)
10
µH
1 Amp
Discrete inductors combine like resistors, when connected in series or parallel. For example, inductors in series add and
inductors in parallel reduce in a way similar to Ohm’s Law.
Windings on the same magnetic core behave differently. Two windings in series result in four times the inductance of a
single winding. This is because the inductance varies proportionately to the square of the turns.
Paralleled
VERSA-PAC windings result in no change to the net inductance because the total number of turns remains
unchanged; only the effective wire size becomes larger. Two parallel windings result in approximately twice the current
carrying capability of a single winding. The net inductance of a given
PCM configuration is based on the number of
windings in series squared multiplied by the inductance of a single winding (LBASE). The current rating of a
PCM configuration
is derived by multiplying the maximum current rating of one winding (IBASE) by the number of windings in parallel. Examples
of simple two-winding devices are shown below:
L
Series = L1 + L2 + L3...Ln
L
Parallel = 1/ [1/ L1 + 1/ L2 + 1/ L3....1/Ln]
®
VERSA-PAC®
Inductors and Transformers
(Surface Mount)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com