Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP4-0075-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # VP4-0075-R
Description  Inductors and Transformers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

VP4-0075-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  VP4-0075-R Datasheet HTML 1Page - Cooper Bussmann, Inc. VP4-0075-R Datasheet HTML 2Page - Cooper Bussmann, Inc. VP4-0075-R Datasheet HTML 3Page - Cooper Bussmann, Inc. VP4-0075-R Datasheet HTML 4Page - Cooper Bussmann, Inc. VP4-0075-R Datasheet HTML 5Page - Cooper Bussmann, Inc. VP4-0075-R Datasheet HTML 6Page - Cooper Bussmann, Inc. VP4-0075-R Datasheet HTML 7Page - Cooper Bussmann, Inc. VP4-0075-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
• Six winding, surface mount devices that
offer more than 500 usable inductor or
transformer configurations
• High power density and low profile
• Low radiated noise and tightly coupled windings
• Power range from 1 Watt – 70 Watts
• Frequency range to over 1MHz
• 500 VAC Isolation
• Ferrite core material
Applications
• Inductors: buck, boost, coupled, choke, filter, resonant,
noise filtering, differential, forward, common mode
• Transformers: flyback, feed forward, push-pull, multiple
output, inverter, step-up, step-down, gate drive, base
drive, wide band, pulse, control, impedance, isolation,
bridging, ringer, converter, auto
Environmental Data
• Storage temperature range: -55°C to 125°C
• Operating ambient temperature range: -40°C to +85°C
(range is application specific). The internal “hot spot”
temperature defines the maximum allowable currents,
which are limited to 130°C, including ambient
• Solder reflow temperature: +260°C max for 10 seconds
max.
Packaging
• Supplied in tape and reel packaging, 600 (VP01),
300 (VP02), and 200 (VP03) per reel
• Supplied in bulk packaging (VP04 and VP05)
• VP04 & VP05 tape and reel packaging available.
Please contact factory for details.
®
VERSA-PAC®
Inductors and Transformers
(Surface Mount)
Leakage
Thermal
Part (1)
L(BASE)ISAT(BASE)IRMS(BASE)R(BASE)
Volt-µSEC(BASE)EPEAK(BASE)
Inductance
Resistance
Number
µH
Amps
Amps
Ohms
µVs
µJ
(BASE) µH
°C/Watt
(NOM)(2)
(TYP)(3)(4)
(TYP)(3)(5)
(MAX)(6)
(MAX)(7)
(TYP)(8)
(TYP)
(TYP)(9)
VPH1-1400-R(10)
201.6 +/-30%
0.04
0.55
0.344
32.9
0.11
0.212
60.7
VP1-1400-R(10)
89.6 +/-30%
0.06
0.85
0.145
21.8
0.11
0.096
60.7
VPH1-0190-R
27.4 +/-20%
0.29
0.55
0.344
32.9
0.77
0.212
60.7
VP1-0190-R
12.2 +/-20%
0.43
0.85
0.145
21.8
0.77
0.096
60.7
VPH1-0102-R
14.7 +/-20%
0.53
0.55
0.344
32.9
1.45
0.212
60.7
VP1-0102-R
6.5 +/-20%
0.80
0.85
0.145
21.8
1.45
0.096
60.7
VPH1-0076-R
10.9 +/-20%
0.72
0.55
0.344
32.9
1.92
0.212
60.7
VP1-0076-R
4.9 +/-20%
1.06
0.85
0.145
21.8
1.92
0.096
60.7
VPH1-0059-R
8.5 +/-20%
0.92
0.55
0.344
32.9
2.48
0.212
60.7
VP1-0059-R
3.8 +/-20%
1.37
0.85
0.145
21.8
2.48
0.096
60.7
VPH2-1600-R(10)
160 +/-30%
0.07
0.95
0.159
48.3
0.29
0.165
44.0
VP2-1600-R(10)
78.4 +/-30%
0.10
1.26
0.090
33.7
0.29
0.083
44.0
VPH2-0216-R
21.6 +/-20%
0.53
0.95
0.159
48.3
2.11
0.165
44.0
VP2-0216-R
10.6 +/-20%
0.76
1.26
0.090
33.7
2.11
0.083
44.0
VPH2-0116-R
11.6 +/-20%
0.99
0.95
0.159
48.3
3.94
0.165
44.0
VP2-0116-R
5.7 +/-20%
1.41
1.26
0.090
33.7
3.94
0.083
44.0
VPH2-0083-R
8.3 +/-20%
1.39
0.95
0.159
48.3
5.47
0.165
44.0
VP2-0083-R
4.1 +/-20%
1.95
1.26
0.090
33.7
5.47
0.083
44.0
VPH2-0066-R
6.6 +/-20%
1.74
0.95
0.159
48.3
7.01
0.165
44.0
VP2-0066-R
3.2 +/-20%
2.50
1.26
0.090
33.7
7.01
0.083
44.0
VPH3-0780-R(10)
132 +/-30%
0.07
0.97
0.14
39.8
0.24
0.125
43.4
VP3-0780-R(10)
63.2 +/-30%
0.10
1.47
0.061
27.7
0.24
0.058
43.4
VPH3-0138-R
23.3 +/-20%
0.41
0.97
0.14
39.8
1.36
0.125
43.4
VP3-0138-R
11.2 +/-20%
0.59
1.47
0.061
27.7
1.36
0.058
43.4
VPH3-0084-R
14.2 +/-20%
0.67
0.97
0.14
39.8
2.23
0.125
43.4
VP3-0084-R
6.8 +/-20%
0.97
1.47
0.061
27.7
2.23
0.058
43.4
VPH3-0055-R
9.3 +/-20%
1.02
0.97
0.14
39.8
3.38
0.125
43.4
VP3-0055-R
4.5 +/-20%
1.46
1.47
0.061
27.7
3.38
0.058
43.4
VPH3-0047-R
7.94 +/-20%
1.19
0.97
0.14
39.8
4.00
0.125
43.4
VP3-0047-R
3.8 +/-20%
1.73
1.47
0.061
27.7
4.00
0.058
43.4
RoHS
2002/95/EC


Similar Part No. - VP4-0075-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
VP4-0075-R EATON-VP4-0075-R Datasheet
1Mb / 9P
VERSA-PAC짰 Inductors and Transformers (Surface Mount)
More results

Similar Description - VP4-0075-R

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8409-XX FILTRAN-8409-XX Datasheet
189Kb / 1P
SMD Power Inductors and Transformers
8417-XX FILTRAN-8417-XX Datasheet
172Kb / 1P
SMD Power Inductors and Transformers
logo
List of Unclassifed Man...
SG-890A ETC2-SG-890A Datasheet
765Kb / 12P
SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
logo
Cooper Bussmann, Inc.
CTX1-3P-R COOPER-CTX1-3P-R Datasheet
573Kb / 8P
Power Inductors and Transformers
CTX10-4P COOPER-CTX10-4P Datasheet
461Kb / 8P
Power Inductors and Transformers
logo
Central Technologies
CTCSF CT-CTCSF Datasheet
400Kb / 1P
Current Sense Transformers and Inductors
logo
Eaton All Rights Reserv...
VPH1-1400-R EATON-VPH1-1400-R Datasheet
1Mb / 9P
VERSA-PAC짰 Inductors and Transformers (Surface Mount)
logo
Vishay Siliconix
LPE6562 VISHAY-LPE6562 Datasheet
118Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
04-Dec-14
LPE4841 VISHAY-LPE4841 Datasheet
116Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
30-Apr-2019
LPE3325 VISHAY-LPE3325 Datasheet
101Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
24-Feb-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com