Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1335P Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1335P
Description  Single Pole OptoMOS짰 Relay with Bi-directional Transient Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1335P Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1335P Datasheet HTML 1Page - Clare, Inc. CPC1335P Datasheet HTML 2Page - Clare, Inc. CPC1335P Datasheet HTML 3Page - Clare, Inc. CPC1335P Datasheet HTML 4Page - Clare, Inc. CPC1335P Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
CPC1335
R05
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings
Electrical Characteristics
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current
Continuous 1
I
F=2mA
I
L
-
-
100
mA
Peak
t=10ms
I
LPK
-
-
350
On-resistance 2
I
L=100mA
R
ON
-25
35
Ω
Off-State Leakage Current
V
L=350V
I
LEAK
--
1
μA
Switching Speeds
Turn-On
I
F=2mA, VL=10V
T
ON
--
10
ms
Turn-Off
T
OFF
--
10
Output Capacitance
50V; f=1MHz
C
OUT
-40
-
pF
Input Characteristics @ 25°C
Input Control Current 3
I
L=100mA
I
F
--
1
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
μA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
pF
1 Load current derates linearly from 100 mA @ 25ºC to 70ma @ 85ºC
2 Measurement taken within 1 second of on time
3 For applications requiring high temp operation (greater than 60ºC) a minimum LED drive current of 3mA is recommended.
Electrical Characteristics: TVS
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Clamping Voltage
I
PP=9.3A
V
C
-
-
66.5
V
Reverse Breakdown Voltage
I=1mA
V
BR
44.4
-
-
V
Reverse Leakage Current
V
WM=40.2V
I
L
--
5
μA
Parameter
Ratings
Units
SSR Output Blocking Voltage
350
V
P
TVS Working Voltage, Maximum (V
WM)
40.2
V
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1A
Input Power Dissipation 1
150
mW
SSR Output Power Dissipation 2
400
mW
TVS Peak Pulse Power (P
PP)
(I
PP=9.3A, 10/1000μs pulse)
600
W
Isolation Voltage Input to Output
3750
V
rms
Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 1.33 mw / ºC
2 Derate Linearly 6.67 mw / ºC
Electrical absolute maximum ratings are at 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com