Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC6826 Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC6826
Description  High Voltage EL Lamp Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC6826 Datasheet(HTML) 6 Page - Clare, Inc.

Back Button CPC6826 Datasheet HTML 2Page - Clare, Inc. CPC6826 Datasheet HTML 3Page - Clare, Inc. CPC6826 Datasheet HTML 4Page - Clare, Inc. CPC6826 Datasheet HTML 5Page - Clare, Inc. CPC6826 Datasheet HTML 6Page - Clare, Inc. CPC6826 Datasheet HTML 7Page - Clare, Inc. CPC6826 Datasheet HTML 8Page - Clare, Inc. CPC6826 Datasheet HTML 9Page - Clare, Inc. CPC6826 Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CPC6826
6
www.clare.com
R00C
2.2 Typical Application A Performance Charts
V
IN (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
10
20
30
40
50
60
70
80
90
100
CPC6826
V
CS vs. VIN
V
IN (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
20
40
60
80
100
120
140
CPC6826
Light Intensity vs. V
IN
V
IN (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
20
40
60
80
100
120
140
160
180
200
CPC6826
EL Differential Voltage V
A-VB vs. VIN
V
IN (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
10
20
30
40
50
CPC6826
I
IN vs. VIN
V
CS (V)
50 55 60 65 70 75 80 85 90 95 100
0
10
20
30
40
50
CPC6826
I
IN vs. VCS
V
IN (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
200
250
300
350
400
CPC6826
EL Frequency vs. Input Voltage
Temperature (°C)
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
CPC6826
Inductor Current vs. Temperature
V
IN = 3.5V
V
IN = 1.5V
Temperature (°C)
-40
-20
0
20
40
60
80
100
80
100
120
140
160
180
200
CPC6826
EL Output Voltage vs. Temperature
V
IN = 3.5V
V
IN = 1.5V
Temperature (°C)
-40
-20
0
20
40
60
80
100
200
250
300
350
400
CPC6826
EL Frequency vs. Temperature
V
IN=3.5V
Temperature (°C)
-40
-20
0
20
40
60
80
100
60
65
70
75
80
85
90
CPC6826
Switching Transistor Freq. vs. Temp.
V
IN=3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com