Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7220 Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC7220
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7220 Datasheet(HTML) 6 Page - Clare, Inc.

Back Button CPC7220 Datasheet HTML 2Page - Clare, Inc. CPC7220 Datasheet HTML 3Page - Clare, Inc. CPC7220 Datasheet HTML 4Page - Clare, Inc. CPC7220 Datasheet HTML 5Page - Clare, Inc. CPC7220 Datasheet HTML 6Page - Clare, Inc. CPC7220 Datasheet HTML 7Page - Clare, Inc. CPC7220 Datasheet HTML 8Page - Clare, Inc. CPC7220 Datasheet HTML 9Page - Clare, Inc. CPC7220 Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.clare.com
6
CPC7220
R00H
Electrical Characteristcs
AC Characteristics (over recommended operating conditions unless otherwise noted)
Parameter
Symbol Test Conditions
0ºC
+25ºC
+70ºC
Units
min
max
min
typ max min
max
Set Up Time before LE rises
t
SD
150
-
150
-
-
150
-
ns
Time Width of LE
t
WLE
150
-
150
-
-
150
-
ns
Clock Delay time to Data Out
t
DO
-
150
-
-
150
-
150
ns
Time Width of CL
t
WCL
150
-
150
-
-
150
-
ns
Set Up Time Data to Clock
t
SU
15
-
15
8
-
20
-
ns
Hold Time Data from Clock
t
H
35
-
35
-
-
35
-
ns
Clock Freq
f
CLK
50% duty cycle f
DATA = fCLK/2
-
5
-
-
5
-
5
MHz
Clock Rise and Fall Times
t
r, tf
-
50
-
-
50
-
50
ns
Turn On Time
t
ON
V
SIG = VPP -10V, RL = 10KΩ
-5
-
-
5
-
5
µs
Turn Off Time
t
OFF
Maximum V
SIG Slew Rate
dv/dt
V
PP = 160V, VNN = -40V
-
20
-
-
20
-
20
V/ns
V
PP = 100V, VNN = -100V
V
PP = 40V, VNN = -160V
Off Isolation
KO
f = 5MHz, 1K
Ω/15pF load
-30
-
-30
-33
-
-30
-
dB
f = 5MHz, 50
Ω load
-58
-
-58
-
-
-58
-
Switch Crosstalk
K
CR
f = 5MHz, 50
Ω load
-60
-
-60
-
-
-60
-
dB
Output Switch Isolation
Diode Current
I
ID
300ns Pulse Width, 2.0% Duty Cycle
300
300
300
mA
Off Capacitance SW to GND
C
SG(OFF)
0V, 1MHz
5
17
5
21
25
5
20
pF
On Capacitance SW to GND
C
SG(ON)
0V, 1MHz
25
40
20
30
40
25
50
pF
Output Voltage Spike
+V
SPK
V
PP = 40V, VNN = -160V, RL = 50Ω
-
-
-
-
150
-
-
mV
-V
SPK
+V
SPK
V
PP = 100V, VNN = -100V, RL = 50Ω
-V
SPK
+V
SPK
V
PP = 160V, VNN = -40V, RL = 50Ω
-V
SPK
Charge Injection
Q
V
PP = 100V, VNN = -100V, VSIG = 0V
-
880
-
pC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com