Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7232W Datasheet(PDF) 11 Page - Clare, Inc.

Part # CPC7232W
Description  8-Channel High Voltage Analog Switch with Built-in Bleeder Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7232W Datasheet(HTML) 11 Page - Clare, Inc.

Back Button CPC7232W Datasheet HTML 5Page - Clare, Inc. CPC7232W Datasheet HTML 6Page - Clare, Inc. CPC7232W Datasheet HTML 7Page - Clare, Inc. CPC7232W Datasheet HTML 8Page - Clare, Inc. CPC7232W Datasheet HTML 9Page - Clare, Inc. CPC7232W Datasheet HTML 10Page - Clare, Inc. CPC7232W Datasheet HTML 11Page - Clare, Inc. CPC7232W Datasheet HTML 12Page - Clare, Inc. CPC7232W Datasheet HTML 13Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CPC7232
R00E
www.clare.com
11
3. Manufacturing Information
3.1 Mechanical Dimensions
3.1.1 28-Pin PLCC Package
3.1.2 48-Pin LQFP Package
0.660/0.813
(0.026/0.032)
4.191/4.572
(0.165/0.180)
2.286/3.048
(0.090/0.120)
0.330/0.533
(0.013/0.021)
0.020 MIN
(0.004 MIN)
28-Pin PLCC Package
Recommended PCB Land Pattern
Dimensions
mm(Max)/mm(Min)
(inches(Max/inches(Min))
10.90
(0.429)
10.90
(0.429)
0.65
(0.026)
2.40
(0.094)
1.27
(0.050)
1.27 TYP
(0.050 TYP)
12.319/12.573
(0.485/0.495)
11.430/11.582
(0.450/0.456)
Pin 1
48-Pin LQFP Package
Dimensions
mm
(inches)
0.60, +0.15/-0.10
(0.024, +0.006/-0.004)
1.60 Max
(0.063Max)
1.40 ± 0.05
(0.055 ± 0.002)
0.05 Min / 0.15 Max
(0.002 Min - 0.006 Max)
0.50
(0.020)
Recommended PCB Land Pattern
8.50
(0.335)
0.50
(0.020)
0.30
(0.012)
1.45
(0.057)
8.50
(0.335)
Pin 48
Pin 1
0.22 ± 0.05
(0.009 ± 0.002)
7.00 ± 0.10
(0.276 ± 0.004)
9.00 ± 0.20
(0.354 ± 0.008)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com