Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7592 Datasheet(PDF) 18 Page - Clare, Inc.

Part # CPC7592
Description  Line Card Access Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7592 Datasheet(HTML) 18 Page - Clare, Inc.

Back Button CPC7592 Datasheet HTML 12Page - Clare, Inc. CPC7592 Datasheet HTML 13Page - Clare, Inc. CPC7592 Datasheet HTML 14Page - Clare, Inc. CPC7592 Datasheet HTML 15Page - Clare, Inc. CPC7592 Datasheet HTML 16Page - Clare, Inc. CPC7592 Datasheet HTML 17Page - Clare, Inc. CPC7592 Datasheet HTML 18Page - Clare, Inc. CPC7592 Datasheet HTML 19Page - Clare, Inc. CPC7592 Datasheet HTML 20Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
CPC7592
18
www.clare.com
R03
3.1.2 16-Pin DFN
3.2 Printed-Circuit Board Layout
3.2.1 16-Pin SOIC
3.2.2 16-Pin DFN
NOTE: As the metallic pad on the bottom of the DFN
package is connected to the substrate of the die, Clare
recommends that no printed circuit board traces or
vias be placed under this area to maintain minimum
creepage and clearance values.
EXPOSED
METALLIC PAD
7.00 ± 0.25
(0.276 ± 0.01)
6.00 ± 0.25
(0.236 ± 0.01)
INDEX AREA
TOP VIEW
SEATING
PLANE
SIDE VIEW
0.90 ± 0.10
(0.035 ± 0.004)
0.30 ± 0.05
(0.012 ± 0.002)
0.02, + 0.03, - 0.02
(0.0008, + 0.0012, - 0.0008)
0.20
(0.008)
4.25 ± 0.05
(0.167 ± 0.002)
0.55 ± 0.10
(0.022 ± 0.004)
6.00 ± 0.05
(0.236 ± 0.002)
BOTTOM VIEW
Dimensions
mm
(inch)
Terminal Tip
0.80
(0.032)
16
1
2.00
(0.079)
1.27
(0.050)
mm
(inches)
DIMENSIONS
9.40
(0.370)
0.60
(0.024)
DIMENSIONS
mm
(inches)
5.80
(0.228)
0.35
(0.014)
1.05
(0.041)
0.80
(0.031)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com