Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7593MATR Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC7593MATR
Description  Line Card Access Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7593MATR Datasheet(HTML) 1 Page - Clare, Inc.

  CPC7593MATR Datasheet HTML 1Page - Clare, Inc. CPC7593MATR Datasheet HTML 2Page - Clare, Inc. CPC7593MATR Datasheet HTML 3Page - Clare, Inc. CPC7593MATR Datasheet HTML 4Page - Clare, Inc. CPC7593MATR Datasheet HTML 5Page - Clare, Inc. CPC7593MATR Datasheet HTML 6Page - Clare, Inc. CPC7593MATR Datasheet HTML 7Page - Clare, Inc. CPC7593MATR Datasheet HTML 8Page - Clare, Inc. CPC7593MATR Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
RoHS
2002/95/EC
e3
Pb
DS-CPC7593 - R04
www.clare.com
1
Features
• TTL logic level inputs for 3.3V logic interfaces
• Smart logic for power up / hot plug state control
• Improved switch dv/dt immunity of 500 V/
μs
• Small 20-pin or 28-pin SOIC or 28-pin DFN package
• DFN version provides 65% PCB area reduction over
4th generation EMRs
• Monolithic IC reliability
• Low, matched, R
ON
• Eliminates the need for zero-cross switching
• Flexible switch timing for transition from ringing
mode to talk mode.
• Clean, bounce-free switching
• SLIC tertiary protection via integrated current
limiting, voltage clamping and thermal shutdown
• 5 V operation with power consumption < 10.5 mW
• Intelligent battery monitor
• Logic-level inputs, no external drive circuitry required
Applications
• Standard voice linecards
• Integrated Voice and Data (IVD) linecards
• Central office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Hybrid Fiber Coax (HFC)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks
Description
The CPC7593 is a member of Clare’s next generation
Line Card Access Switch (LCAS) family. This
monolithic 10-pole line card access switch is available
in a 20 or 28 pin SOIC or a 28 pin DFN package. It
provides the necessary functions to replace three
2-Form-C electromechanical relays on analog line
cards or combined voice and data line cards found in
central office, access, and PBX equipment. The
device contains solid state switches for tip and ring line
break, ringing injection and test access. The CPC7593
requires only a +5 V supply and provides stable start
up conditioning during system power up and for hot
plug insertion applications. Once active, the inputs
respond to traditional TTL logic levels enabling the
CPC7593 to be used with 3.3V only logic.
Ordering Information
Figure 1. CPC7593 Block Diagram
CPC7593 x x xx
B - 28-pin SOIC delivered 29/Tube, 1000/Reel
M - 28-pin DFN delivered 33/Tube, 1000/Reel
Z - 20-pin SOIC delivered 40/Tube, 1000/Reel
A - With Protection SCR
B - Without Protection SCR
C - With Protection SCR and with Extra Logic State
D - Without Protection SCR and with Extra Logic State
TR - Add for Tape & Reel Version
CPC7593 part numbers are specified as shown here:
CPC7593
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
TESTin
IN
RINGING
IN
TESTout
T
SD
LATCH
7
10
8
5
22
6
12
13
14
28
1
24
20
19
23
17
16
15
18
L
A
T
C
H
Switch
Control
Logic
SCR
Trip
Circuit
+5 Vdc
SLIC
Secondary
Protection
X
X
X
X
X
X
XX
X SW5
SW7
SW6
SW2
SW4
SW10
SW8
T
TESTin (T
)
CHANTEST
T
TESTout
(T
)
DROPTEST
R
TESTout
(R
)
DROPTEST
R
TESTin (R
)
CHANTEST
T
RINGING
SW3
SW9
SW1
300
(min.)
Ω
RINGING
V
BAT
X
Tip
Ring
NOTE 1: Pin assignments are for the 28 pin package.
NOTE 2: Block diagram shown with the optional protection SCR.
R
RINGING
CPC7593
Line Card Access Switch


Similar Part No. - CPC7593MATR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
Line Card Access Switch
CPC7593BATR IXYS-CPC7593BATR Datasheet
321Kb / 24P
Line Card Access Switch
CPC7593BBTR IXYS-CPC7593BBTR Datasheet
321Kb / 24P
Line Card Access Switch
CPC7593BCTR IXYS-CPC7593BCTR Datasheet
321Kb / 24P
Line Card Access Switch
CPC7593ZATR IXYS-CPC7593ZATR Datasheet
321Kb / 24P
Line Card Access Switch
More results

Similar Description - CPC7593MATR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
Line Card Access Switch
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
Line Card Access Switch
CPC7592 IXYS-CPC7592_12 Datasheet
1Mb / 19P
Line Card Access Switch
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com